Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9503 Datasheet (PDF) - NXP Semiconductors

SA9503 Datasheet PDF - NXP Semiconductors
Part # SA9503
Download  SA9503 Download
File Size   169.23 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual-band, CDMA/AMPS LNA and downconverter mixers

SA9503 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA9503 Datasheet PDF - NXP Semiconductors

Part # SA9503
Download  SA9503 Click to download

File Size   169.23 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual-band, CDMA/AMPS LNA and downconverter mixers

SA9503 Datasheet (HTML) - NXP Semiconductors


SA9503 Product details

DESCRIPTION
The SA9503 is an integrated CDMA/AMPS low noise amplifier (LNA) plus a downconverter, for both the 900 MHz Cellular band and the 1.9 GHz PCS band. The LNA incorporates 5 settings of digitally selected stepped gain in the Cellular band and in the PCS band. One of the modes (high linearity mode) in each of the Cellular and PCS bands, includes a high IP3 setting in order to meet the 1-tone CDMA desensitization test. The gain, noise figure and IP3 for the remaining 4 low current modes in the Cellular band, are designed in order to have sufficient separation between the antenna power levels at which the LNA gains are changed, based on multi-tone interference levels. A 3 dB overlap is allowed in the antenna power levels for the adjacent modes. Table 1 indicates a typical scenario

FEATURES
Versatile step gain LNA
• Can meet single tone CDMA desensitization requirements
• Can meet CDMA two tone interference requirements
• Cellular
• PCS
• Separate, selectable IF outputs to suit FM and CDMA bandwidth
• Buffered Cellular and PCS LO inputs
• Integrated frequency doubler for PCS mixer LO
• Differential (Tx) LO output buffer (can be switched on or off)
• Low voltage operation down to 2.7 volts
• Mixers current consumption with (Tx) LO buffer on:
    – Cellular FM: 16.8 mA
    – Cellular CDMA: 23 mA
    – PCS: 26 mA
• Low standby current in sleep mode: <50 µA
• BCC32++™ package

APPLICATIONS
• 800 MHz analog FM and CDMA digital receivers
• 1900 MHz PCS band CDMA digital receivers
• Supports dual-band and triple-mode operation
• Digital mobile communications equipment
• Portable, low power radio equipment




Similar Part No. - SA9503

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9500DH PHILIPS-SA9500DH Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9502DH PHILIPS-SA9502DH Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
More results


Similar Description - SA9503

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
3V Cellular Band CDMA/AMPS LNA IC
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
Dual-Band TDMA LNA/Downconverter IC
logo
Maxim Integrated Produc...
MAX2323 MAXIM-MAX2323 Datasheet
164Kb / 14P
Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
MAX2338 MAXIM-MAX2338 Datasheet
210Kb / 13P
Triple/Dual-Mode CDMA LNA/Mixers
Rev 1; 3/01
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Maxim Integrated Produc...
MAX2385 MAXIM-MAX2385 Datasheet
207Kb / 18P
CDMA GPS LNA/Mixers
Rev 0; 10/01
MAX2338 MAXIM-MAX2338_V01 Datasheet
214Kb / 13P
Triple/Dual-Mode CDMA LNA/Mixers
2003
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com