Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2459 Datasheet (PDF) - RF Micro Devices

RF2459 Datasheet PDF - RF Micro Devices
Part # RF2459
Download  RF2459 Download
File Size   122.79 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V PCS DOWNCONVERTER

RF2459 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2459 Datasheet PDF - RF Micro Devices

Part # RF2459
Download  RF2459 Click to download

File Size   122.79 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V PCS DOWNCONVERTER

RF2459 Datasheet (HTML) - RF Micro Devices


RF2459 Product details

Product Description
The RF2459 is a monolithic integrated downconverter for PCS, PHS, and WLAN applications. The IC contains all of the required components to implement the RF functions of the downconverter. It contains a double-balanced Gilbert cell mixer and a balanced IF output. The mixer’s high third-order intercept point makes it ideal for digital cellular applications. The IC is designed to operate from a single 3V power supply.

Features
• Extremely High Dynamic Range
• Single 3V Power Supply
• 1500MHz to 2500MHz Operation

Typical Applications
• CDMA/TDMA/DCS1900 PCS Systems
• PHS 1500/WLAN 2400 Systems
• General Purpose Downconverter
• Micro-Cell PCS Base Stations
• Portable Battery-Powered Equipment




Similar Part No. - RF2459

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2456 RFMD-RF2456 Datasheet
261Kb / 8P
CDMA/FM DOWNCONVERTER
More results


Similar Description - RF2459

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5M31 TRIQUINT-TQ5M31 Datasheet
229Kb / 16P
3V Downconverter Mixer IC
logo
Agilent(Hewlett-Packard...
IAM-91563 HP-IAM-91563 Datasheet
198Kb / 16P
0.8-6 GHz 3V Downconverter
logo
List of Unclassifed Man...
CV111-1 ETC-CV111-1 Datasheet
254Kb / 4P
PCS/DCS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A Datasheet
238Kb / 4P
PCS/DCS-band High Linearity Downconverter
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
PCS/DCS-band Dual-Branch Downconverter
logo
Tyco Electronics
MADCSM0012 MACOM-MADCSM0012 Datasheet
202Kb / 6P
PCS LNA / Downconverter 1800-2000 MHz
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A_07 Datasheet
274Kb / 4P
PCS/DCS-band High Linearity Downconverter
logo
Texas Instruments
TRF4000 TI-TRF4000 Datasheet
102Kb / 8P
PCS RF DOWNCONVERTER
logo
AVAGO TECHNOLOGIES LIMI...
IAM-91563 AVAGO-IAM-91563 Datasheet
289Kb / 14P
0.8?? GHz 3V Downconverter
logo
Broadcom Corporation.
DEMO-IAM9156-3 BOARDCOM-DEMO-IAM9156-3 Datasheet
289Kb / 14P
0.8?? GHz 3V Downconverter
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com