Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3913 Datasheet (PDF) - Solid States Devices, Inc

1N3913 Datasheet PDF - Solid States Devices, Inc
Part # 1N3913
Download  1N3913 Download
File Size   101.53 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 30A, 200nsec, 50-400 V Fast Recovery Rectifier

1N3913 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3913 Datasheet PDF - Solid States Devices, Inc

Part # 1N3913
Download  1N3913 Click to download

File Size   101.53 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 30A, 200nsec, 50-400 V Fast Recovery Rectifier

1N3913 Datasheet (HTML) - Solid States Devices, Inc


1N3913 Product details

Features:
• Fast Recovery: 200nsec Maximum (100nsec typ.) 3/
• Low Reverse Leakage Current
• Single Chip Construction
• PIV to 400V, Higher Voltages Available
• Hermetically Sealed Isolated Package
• High Surge Rating
• TX, TXV, and S-Level Screening Available 2/




Similar Part No. - 1N3913

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3913 MICROSEMI-1N3913 Datasheet
94Kb / 2P
Military Fast Recovery Rectifier
1N3913 MICROSEMI-1N3913 Datasheet
111Kb / 2P
Fast Recovery Rectifier
1N3913 MICROSEMI-1N3913 Datasheet
78Kb / 3P
HIGH RELIABILITY FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N3913 NJSEMI-1N3913 Datasheet
105Kb / 1P
Fast Rectifiers, 20A < I(0)/I(F) s 50A
logo
Digitron Semiconductors
1N3913 DIGITRON-1N3913 Datasheet
116Kb / 2P
FAST RECOVERY RECTIFIER
More results


Similar Description - 1N3913

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER10A MCC-ER10A Datasheet
353Kb / 3P
10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
ER6A MCC-ER6A Datasheet
80Kb / 2P
6 Amp Super Fast Recovery Rectifier 50 to 400 Volts
logo
Solid States Devices, I...
SDR3006HF SSDI-SDR3006HF Datasheet
166Kb / 2P
30A 35nsec 400 to 600 V Hyper Fast Rectifier
logo
List of Unclassifed Man...
FEN30FP ETC2-FEN30FP Datasheet
316Kb / 4P
30A Super Fast Recovery Rectifier
logo
TAITRON Components Inco...
FEN30AP TAITRON-FEN30AP Datasheet
140Kb / 4P
30A Super Fast Recovery Rectifier
FEN30FP TAITRON-FEN30FP Datasheet
316Kb / 4P
30A Super Fast Recovery Rectifier
logo
Solid States Devices, I...
SPD3909 SSDI-SPD3909 Datasheet
75Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
SPD3889 SSDI-SPD3889 Datasheet
163Kb / 2P
12 A, 120 nsec, 50-400 V Fast Recovery Rectifier
logo
Micro Commercial Compon...
ER10A MCC-ER10A_08 Datasheet
201Kb / 5P
10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
logo
STMicroelectronics
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com