Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5250 Datasheet (PDF) - NXP Semiconductors

SAA5250 Datasheet PDF - NXP Semiconductors
Part # SAA5250
Download  SAA5250 Download
File Size   173.56 Kbytes
Page   35 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Interface for data acquisition and control for multi-standard teletext systems

SAA5250 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA5250 Datasheet PDF - NXP Semiconductors

Part # SAA5250
Download  SAA5250 Click to download

File Size   173.56 Kbytes
Page   35 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Interface for data acquisition and control for multi-standard teletext systems

SAA5250 Datasheet (HTML) - NXP Semiconductors


SAA5250 Product details

GENERAL DESCRIPTION
The SAA5250 is a CMOS Interface for Data Acquisition and Control (CIDAC) designed for use in conjunction with the Video Input Processor (SAA5230) in a multi-standard teletext decoder. The device retrieves data from a user selected channel (channel demultiplexer), as well as providing control signals and consecutive addressing space necessary to drive a 2 K bytes buffer memory.

The system operates in accordance with the following transmission standards:
• French Didon Antiope specification D2 A4-2 (DIDON)
• North American Broadcast Teletext specification (NABTS)
• U.K. teletext (CEEFAX)

Features
• 7,5 MHz maximum conversion rate
• Three prefixes; DIDON, NABTS and U.K. teletext (CEEFAX)
• Mode without prefix
• Internal calculation of the validation (VAL) and colour burst blanking (CBB) signals, if programmed
• Programmable framing code and channel numbers
• Error parity calculation or not (odd parity)
• Hamming processing of the prefix byte
• Full channel or VBI reception
• Slow/fast mode (detection of page flags or not)
• Maximum/default format up to 63 bytes
• Addressing space of 2 K bytes of the static memory
• Multiplexed address/data information is compatible with Motorola or Intel microcontrollers
• CIDAC is ‘MOTEL’ compatible




Similar Part No. - SAA5250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5252 PHILIPS-SAA5252 Datasheet
203Kb / 20P
Line twenty-one acquisition and display LITOD
1996 Jul 18
SAA5252P PHILIPS-SAA5252P Datasheet
203Kb / 20P
Line twenty-one acquisition and display LITOD
1996 Jul 18
SAA5252T PHILIPS-SAA5252T Datasheet
203Kb / 20P
Line twenty-one acquisition and display LITOD
1996 Jul 18
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
SAA5254P PHILIPS-SAA5254P Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
More results


Similar Description - SAA5250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0851 NSC-ADC0851 Datasheet
581Kb / 36P
8-Bit Analog Data Acquisition and Monitoring Systems
logo
Panasonic Semiconductor
AN5355 PANASONIC-AN5355 Datasheet
157Kb / 5P
ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEMS
logo
Siemens Semiconductor G...
SDA5231-2 SIEMENS-SDA5231-2 Datasheet
426Kb / 18P
Data Silcer for Teletext
SDA5231-5 SIEMENS-SDA5231-5 Datasheet
554Kb / 18P
Data Silcer for Teletext
logo
Semtech Corporation
SX8723C SEMTECH-SX8723C Datasheet
1Mb / 67P
ZoomingADC for sensing data acquisition
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
ZoomingADC for sensing data acquisition
logo
Hamamatsu Corporation
C7557-01 HAMAMATSU-C7557-01 Datasheet
552Kb / 7P
For control of multichannel detector head and data acquisition
C7557-01 HAMAMATSU-C7557-01_15 Datasheet
1Mb / 7P
For control of multichannel detector head and data acquisition
logo
Texas Instruments
ADC0851 TI1-ADC0851 Datasheet
798Kb / 38P
8-Bit Analog Data Acquisition and Monitoring Systems
logo
Pico Technology Ltd.
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
Multi-channel data acquisition
2013 - 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com