Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5252P Datasheet (PDF) - NXP Semiconductors

SAA5252P Datasheet PDF - NXP Semiconductors
Part # SAA5252P
Download  SAA5252P Download
File Size   203.23 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Line twenty-one acquisition and display LITOD

SAA5252P Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA5252P Datasheet PDF - NXP Semiconductors

Part # SAA5252P
Download  SAA5252P Click to download

File Size   203.23 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Line twenty-one acquisition and display LITOD

SAA5252P Datasheet (HTML) - NXP Semiconductors


SAA5252P Product details

GENERAL DESCRIPTION
The SAA5252 (LITOD) is a single-chip CMOS device, which will acquire, decode and display Line 21 Closed Captioning data from a 525-line composite video signal. Operation as an On-Screen Display (OSD) device is also possible. Normal and line progressive scan modes are supported.

FEATURES
• Complete ‘stand-alone’ Line 21 decoder in one package
• On-chip display RAM allowing full page Text mode
• Enhanced character display modes
• Full colour captions
• RGB interface for standard colour decoder ICs
• Automatic handling of Field 2 data
• Automatic selection of (1H, 1V), (2H, 1V) or (2H, 2V) scan modes
• Onboard OSD facility using Character generator
• RGB inputs to support existing OSD ICs
• I2C-bus or ‘stand-alone’ pin control
• Automatic data-ready signal generation on data acquisition
• Can decode signals recorded on standard VHS and S-VHS tape.




Similar Part No. - SAA5252P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5250 PHILIPS-SAA5250 Datasheet
173Kb / 35P
Interface for data acquisition and control for multi-standard teletext systems
January 1987
SAA5250P PHILIPS-SAA5250P Datasheet
173Kb / 35P
Interface for data acquisition and control for multi-standard teletext systems
January 1987
SAA5250T PHILIPS-SAA5250T Datasheet
173Kb / 35P
Interface for data acquisition and control for multi-standard teletext systems
January 1987
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
SAA5254P PHILIPS-SAA5254P Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
More results


Similar Description - SAA5252P

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
81C17 SMSC-81C17 Datasheet
71Kb / 18P
TWENTY PIN UART (TPUART)
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Alpha & Omega Semicondu...
AOZ8211 AOSMD-AOZ8211 Datasheet
295Kb / 6P
One-line TVS Diode
logo
National Instruments Co...
NI9233 NI-NI9233 Datasheet
544Kb / 6P
Sound and Vibration Data Acquisition
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
28 mm Diameter Twenty-One Turn Dial
10-Jul-12
logo
Alpha & Omega Semicondu...
AOZ8251 AOSMD-AOZ8251 Datasheet
256Kb / 6P
One-line Bidirectional TVS Diode
logo
National Instruments Co...
NIUSB-4431 NI-NIUSB-4431 Datasheet
185Kb / 5P
Sound and Vibration Data Acquisition
logo
List of Unclassifed Man...
HP02S ETC2-HP02S Datasheet
177Kb / 6P
One hardware controlled reset line
logo
Alpha & Omega Semicondu...
AOZ8201 AOSMD-AOZ8201 Datasheet
334Kb / 6P
One-line TVS Diode
logo
Diodes Incorporated
PI6CB332001A DIODES-PI6CB332001A Datasheet
563Kb / 2P
Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com