Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9013 Datasheet (PDF) - EPCOS

B9013 Datasheet PDF - EPCOS
Part # B9013
Download  B9013 Download
File Size   87.68 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz

B9013 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9013 Datasheet PDF - EPCOS

Part # B9013
Download  B9013 Click to download

File Size   87.68 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz

B9013 Datasheet (HTML) - EPCOS


B9013 Product details

Features
● Low-loss RF filter for mobile telephone PCN systems, receive path
● Very low insertion attenuation
● Low amplitude ripple
● Usable passband 75 MHz
● Unbalanced to balanced operation
● Impedance transform from 50 Ω to 150 Ω
● Suitable for GPRS class 1 to 12
● Package for Surface Mount Technology (SMT)
● Pb-free




Similar Part No. - B9013

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B901 EDAL-B901 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
B901-10 EDAL-B901-10 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
B901-100 EDAL-B901-100 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
B901-120 EDAL-B901-120 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
B901-20 EDAL-B901-20 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
More results


Similar Description - B9013

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4152 EPCOS-B4152 Datasheet
69Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B4167 EPCOS-B4167 Datasheet
66Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4235 EPCOS-B4235 Datasheet
177Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5/1842,5 MHz
B7744 EPCOS-B7744 Datasheet
57Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B7749 EPCOS-B7749 Datasheet
60Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B9021 EPCOS-B9021 Datasheet
60Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com