Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9300 Datasheet (PDF) - EPCOS

B9300 Datasheet PDF - EPCOS
Part # B9300
Download  B9300 Download
File Size   89.27 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz

B9300 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9300 Datasheet PDF - EPCOS

Part # B9300
Download  B9300 Click to download

File Size   89.27 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz

B9300 Datasheet (HTML) - EPCOS


B9300 Product details

Features
■ Low-loss 2-in-1 RF filter for mobile telephone GSM1800 and GSM1900 systems, receive path
■ Usable passband:
    Filter 1 (GSM 1900): 60 MHz
    Filter 2 (GSM 1800): 75 MHz
■ Unbalanced to balanced operation for both filters
■ Impedance transformation from 50 Ω to 150 Ω for both filters
■ Suitable for GPRS class 1 to 12
■ Package for Surface Mounted Technology (SMT)
■ Pb-free




Similar Part No. - B9300

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9303 EPCOS-B9303 Datasheet
142Kb / 10P
SAW Rx 2in1 filter 1842.5 / 1960.0 MHz
B9304 EPCOS-B9304 Datasheet
132Kb / 12P
SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz
B9305 EPCOS-B9305 Datasheet
135Kb / 12P
SAW Rx 2in1 Filter 1842.5 / 1960.0 MHz
More results


Similar Description - B9300

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4154 EPCOS-B4154 Datasheet
61Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4226 EPCOS-B4226 Datasheet
138Kb / 11P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4235 EPCOS-B4235 Datasheet
177Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5/1842,5 MHz
B7652 EPCOS-B7652 Datasheet
88Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B7744 EPCOS-B7744 Datasheet
57Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B9200 EPCOS-B9200 Datasheet
89Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9309 EPCOS-B9309 Datasheet
89Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com