Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9303 Datasheet (PDF) - EPCOS

B9303 Datasheet PDF - EPCOS
Part # B9303
Download  B9303 Download
File Size   142.41 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx 2in1 filter 1842.5 / 1960.0 MHz

B9303 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9303 Datasheet PDF - EPCOS

Part # B9303
Download  B9303 Click to download

File Size   142.41 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx 2in1 filter 1842.5 / 1960.0 MHz

B9303 Datasheet (HTML) - EPCOS


B9303 Product details

Features
■ Package size 2.0 x1.6 x 0.68 mm3
■ Package code QCS10H
■ RoHS compatible
■ Approx. weight 0.008 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss 2in1 RF filter for mobile telephone GSM 1800 and GSM 1900 systems, receive path (Rx)
■ Usable passband: Filter 1 (GSM 1800): 75 MHz Filter 2 (GSM 1900): 60 MHz
■ Unbalanced to balanced operation for both filters
■ Very low insertion attenuation
■ Low amplitute ripple
■ Impedance transformation from 50 Ω to 150 Ω for both filters
■ Suitable for GPRS class 1 to 12




Similar Part No. - B9303

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9304 EPCOS-B9304 Datasheet
132Kb / 12P
SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz
B9305 EPCOS-B9305 Datasheet
135Kb / 12P
SAW Rx 2in1 Filter 1842.5 / 1960.0 MHz
More results


Similar Description - B9303

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9304 EPCOS-B9304 Datasheet
132Kb / 12P
SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz
B9305 EPCOS-B9305 Datasheet
135Kb / 12P
SAW Rx 2in1 Filter 1842.5 / 1960.0 MHz
B9308 EPCOS-B9308 Datasheet
135Kb / 10P
SAW Rx 2in1 filter 942.5 / 1842.5 MHz
B9310 EPCOS-B9310 Datasheet
139Kb / 10P
SAW Rx 2in1 filter 881.5 / 1960.0 MHz
B9318 EPCOS-B9318 Datasheet
133Kb / 12P
SAW Rx 2in1 filter
B4236 EPCOS-B4236_1 Datasheet
198Kb / 10P
SAW Rx 2in1 filter
logo
TDK Electronics
B39941B9801J610 TDK-B39941B9801J610 Datasheet
256Kb / 12P
SAW Rx 2in1 filter
B39941B9802J610 TDK-B39941B9802J610 Datasheet
256Kb / 12P
SAW Rx 2in1 filter
B39941B9828P810 TDK-B39941B9828P810 Datasheet
172Kb / 12P
SAW Rx 2in1 filter
B39941B9904P810 TDK-B39941B9904P810 Datasheet
183Kb / 12P
SAW Rx 2in1 filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com