Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9301 Datasheet (PDF) - EPCOS

B9301 Datasheet PDF - EPCOS
Part # B9301
Download  B9301 Download
File Size   87.49 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz

B9301 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9301 Datasheet PDF - EPCOS

Part # B9301
Download  B9301 Click to download

File Size   87.49 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz

B9301 Datasheet (HTML) - EPCOS


B9301 Product details

Features

■ Low-loss 2in1 RF filter for mobile telephone

   GSM850/900 systems, receive path

■ Usable passband:

   Filter 1 (GSM900): 35 MHz

   Filter 2 (GSM850): 25 MHz

■ Unbalanced to balanced operation of both filters

■ Impedance transformation from 50 Ω to 150 Ω for both filters

■ Suitable for GPRS Class 1 to 12

■ Ceramic package for Surface Mounted Technology (SMT)



 




Similar Part No. - B9301

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9303 EPCOS-B9303 Datasheet
142Kb / 10P
SAW Rx 2in1 filter 1842.5 / 1960.0 MHz
B9304 EPCOS-B9304 Datasheet
132Kb / 12P
SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz
B9305 EPCOS-B9305 Datasheet
135Kb / 12P
SAW Rx 2in1 Filter 1842.5 / 1960.0 MHz
More results


Similar Description - B9301

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4124 EPCOS-B4124 Datasheet
100Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4223 EPCOS-B4223 Datasheet
135Kb / 11P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4235 EPCOS-B4235 Datasheet
177Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5/1842,5 MHz
B7652 EPCOS-B7652 Datasheet
88Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B7653 EPCOS-B7653 Datasheet
84Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com