Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9304 Datasheet (PDF) - EPCOS

B9304 Datasheet PDF - EPCOS
Part # B9304
Download  B9304 Download
File Size   132.56 Kbytes
Page   12 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz

B9304 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9304 Datasheet PDF - EPCOS

Part # B9304
Download  B9304 Click to download

File Size   132.56 Kbytes
Page   12 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz

B9304 Datasheet (HTML) - EPCOS


B9304 Product details

Features
■ Package size 2.0 x1.6 x 0.68 mm3
■ Package code QCS10H
■ RoHS compatible
■ Approximate weight 0.008 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss 2-in-1 RF filter for mobile telephone GSM850 and GSM900 bands, receive path (RX)
■ Impedance transformation from 50 Ω to 100 Ω for both filters
■ Unbalanced to balanced operation for both filters
■ Very low insertion attenuation
■ Low amplitude ripple
■ Usable passband:
    Filter 1 (GSM850): 25 MHz
    Filter 2 (GSM900): 35 MHz
■ Suitable for GPRS class 1 to 12




Similar Part No. - B9304

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9303 EPCOS-B9303 Datasheet
142Kb / 10P
SAW Rx 2in1 filter 1842.5 / 1960.0 MHz
B9305 EPCOS-B9305 Datasheet
135Kb / 12P
SAW Rx 2in1 Filter 1842.5 / 1960.0 MHz
More results


Similar Description - B9304

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855966 TRIQUINT-855966 Datasheet
707Kb / 8P
942.5 MHz SAW Filter
856055 TRIQUINT-856055 Datasheet
441Kb / 5P
942.5 MHz SAW Filter
856387 TRIQUINT-856387 Datasheet
617Kb / 7P
942.5 MHz SAW Filter
logo
EPCOS
B9303 EPCOS-B9303 Datasheet
142Kb / 10P
SAW Rx 2in1 filter 1842.5 / 1960.0 MHz
B9305 EPCOS-B9305 Datasheet
135Kb / 12P
SAW Rx 2in1 Filter 1842.5 / 1960.0 MHz
B9308 EPCOS-B9308 Datasheet
135Kb / 10P
SAW Rx 2in1 filter 942.5 / 1842.5 MHz
B9310 EPCOS-B9310 Datasheet
139Kb / 10P
SAW Rx 2in1 filter 881.5 / 1960.0 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1004A TAI-SAW-TA1004A Datasheet
1Mb / 6P
SAW Filter 942.5 MHz
logo
RF Monolithics, Inc
SF1183B RFM-SF1183B Datasheet
231Kb / 5P
881.5 MHz SAW Filter
logo
TriQuint Semiconductor
855820 TRIQUINT-855820_15 Datasheet
344Kb / 7P
942.5 MHz SAW Filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com