Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9200 Datasheet (PDF) - EPCOS

B9200 Datasheet PDF - EPCOS
Part # B9200
Download  B9200 Download
File Size   89.06 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz

B9200 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9200 Datasheet PDF - EPCOS

Part # B9200
Download  B9200 Click to download

File Size   89.06 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz

B9200 Datasheet (HTML) - EPCOS


B9200 Product details

Features
■ Low-loss RF filter for mobile telephone CDMA 800/1900 system , receive path
■ Usable passband:
    Filter 1 (CDMA800): 25 MHz
    Filter 2 (CDMA1900): 60 MHz
■ Unbalanced to balanced operation of both filters
■ Impedance transformation from 50 Ω to 100 Ω for both filters
■ Ceramic package for Surface Mounted Technology (SMT)




Similar Part No. - B9200

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9202 EPCOS-B9202 Datasheet
85Kb / 7P
Low-Loss Dual Band Filter for Mobile Communication
B9203 EPCOS-B9203 Datasheet
85Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
More results


Similar Description - B9200

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4154 EPCOS-B4154 Datasheet
61Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B4219 EPCOS-B4219 Datasheet
136Kb / 12P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4223 EPCOS-B4223 Datasheet
135Kb / 11P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
B4226 EPCOS-B4226 Datasheet
138Kb / 11P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B7653 EPCOS-B7653 Datasheet
84Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B9203 EPCOS-B9203 Datasheet
85Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9309 EPCOS-B9309 Datasheet
89Kb / 7P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com