Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM-1704 Datasheet (PDF) - Infinite Electronics International, Inc.

ABM-1704 Datasheet PDF - Infinite Electronics International, Inc.
Part # ABM-1704
Download  ABM-1704 Download
File Size   55.6 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description BNC MALE SOLDERLESS CRIMP CONNECTOR FOR LMR195

ABM-1704 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABM-1704 Datasheet PDF - Infinite Electronics International, Inc.

Part # ABM-1704
Download  ABM-1704 Click to download

File Size   55.6 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description BNC MALE SOLDERLESS CRIMP CONNECTOR FOR LMR195

ABM-1704 Datasheet (HTML) - Infinite Electronics International, Inc.


ABM-1704 Product details

ELECTRICAL:
IMPEDANCE: 50 Ohms
DIELECTRIC WITH STAND VOLTAGE: 1500V RMS
FREQUENCY RANGE: DC ~ 4 GHz
VOLTAGE RATING: 500V PEAK
INSERTION LOSS: .20dB MAX.
CABLE RETENTION: 30 lbs. PULL.
MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - ABM-1704

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ABM-1700 L-COM-ABM-1700 Datasheet
55Kb / 1P
CON,BNC MALE CRIMP LMR195
9/9/03
ABM-1702 L-COM-ABM-1702 Datasheet
105Kb / 1P
50 OHM RIGHT ANGLE BNC PLUG
3/23/10
More results


Similar Description - ABM-1704

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4298 PASTERNACK-PE4298 Datasheet
288Kb / 2P
BNC Male Right Angle Connector Crimp/ Crimp Attachment For RG58
logo
Adam Technologies, Inc.
RF1-03-02-T-50 ADAM-TECH-RF1-03-02-T-50 Datasheet
113Kb / 1P
MALE BNC CRIMP CONNECTOR
RF1-03-D-04-75 ADAM-TECH-RF1-03-D-04-75 Datasheet
100Kb / 1P
BNC MALE CRIMP
RF1-03-D-05-75 ADAM-TECH-RF1-03-D-05-75 Datasheet
100Kb / 1P
MALE BNC CRIMP
RF1-03-D-05P-75 ADAM-TECH-RF1-03-D-05P-75 Datasheet
100Kb / 1P
MALE BNC CRIMP
RF1-03-T-04-XX ADAM-TECH-RF1-03-T-04-XX Datasheet
83Kb / 1P
MALE BNC CRIMP
RF1-03-T-18-XX ADAM-TECH-RF1-03-T-18-XX Datasheet
83Kb / 1P
MALE BNC CRIMP
logo
Pasternack Enterprises,...
PE4016 PASTERNACK-PE4016_16 Datasheet
361Kb / 3P
BNC Male Connector Crimp/Crimp Attachment
PE4018 PASTERNACK-PE4018_16 Datasheet
367Kb / 3P
BNC Male Connector Crimp/Crimp Attachment
PE4043 PASTERNACK-PE4043_14 Datasheet
444Kb / 3P
BNC Male Connector Crimp/Crimp Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com