Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM-1702 Datasheet (PDF) - Infinite Electronics International, Inc.

ABM-1702 Datasheet PDF - Infinite Electronics International, Inc.
Part # ABM-1702
Download  ABM-1702 Download
File Size   105.63 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 50 OHM RIGHT ANGLE BNC PLUG

ABM-1702 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABM-1702 Datasheet PDF - Infinite Electronics International, Inc.

Part # ABM-1702
Download  ABM-1702 Click to download

File Size   105.63 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 50 OHM RIGHT ANGLE BNC PLUG

ABM-1702 Datasheet (HTML) - Infinite Electronics International, Inc.


ABM-1702 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS.
DIELECTRIC WITHSTANDING VOLTAGE: 1500 V RMS.
FREQUENCY RANGE: DC ~ 4 GHz
DURABILITY: ≥ 500 CYCLES.
CABLE RETENTION: 30 LBS PULL
MISCELLANEOUS:
FOR USE WITH LMR195, RG58 CABLE.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.




Similar Part No. - ABM-1702

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ABM-1700 L-COM-ABM-1700 Datasheet
55Kb / 1P
CON,BNC MALE CRIMP LMR195
9/9/03
ABM-1704 L-COM-ABM-1704 Datasheet
55Kb / 1P
BNC MALE SOLDERLESS CRIMP CONNECTOR FOR LMR195
02/05/14
More results


Similar Description - ABM-1702

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73061 POMONA-73061 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141
logo
Huber+Suhner, Inc.
16_BNC-50-2-10133_N HUBERSUHNER-16_BNC-50-2-10133_N Datasheet
153Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-2-9133_N HUBERSUHNER-16_BNC-50-2-9133_N Datasheet
187Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-3-27133_N HUBERSUHNER-16_BNC-50-3-27133_N Datasheet
153Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-3-5133_U HUBERSUHNER-16_BNC-50-3-5133_U Datasheet
417Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-4-1412-_N HUBERSUHNER-16_BNC-50-4-1412-_N Datasheet
2Mb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-3-25133_N HUBERSUHNER-16_BNC-50-3-25133_N Datasheet
472Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-4-15122_N HUBERSUHNER-16_BNC-50-4-15122_N Datasheet
2Mb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-4-16133_N HUBERSUHNER-16_BNC-50-4-16133_N Datasheet
472Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-7-9133_N HUBERSUHNER-16_BNC-50-7-9133_N Datasheet
552Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com