Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9026 Datasheet (PDF) - EPCOS

B9026 Datasheet PDF - EPCOS
Part # B9026
Download  B9026 Download
File Size   82.0 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz

B9026 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9026 Datasheet PDF - EPCOS

Part # B9026
Download  B9026 Click to download

File Size   82.0 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz

B9026 Datasheet (HTML) - EPCOS


B9026 Product details

Features
■ Low-loss RF filter for mobile telephone W-CDMA system, transmit path
■ Low amplitude ripple
■ Usable passband 60 MHz
■ Balanced to unbalanced operation
■ Impedance transformation from 200 Ω to 50 Ω
■ Package for Surface Mounted Technology (SMT)
■ Pb-free




Similar Part No. - B9026

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B902 PULSE-B902 Datasheet
1Mb / 4P
Inductors And Common Mode Chokes
logo
EPCOS
B9020 EPCOS-B9020 Datasheet
64Kb / 7P
Low-Loss Filter for Mobile Communication
B9021 EPCOS-B9021 Datasheet
60Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B9022 EPCOS-B9022 Datasheet
60Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9022 EPCOS-B9022 Datasheet
88Kb / 9P
SAW Rx Filter GSM 850
More results


Similar Description - B9026

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7754 EPCOS-B7754 Datasheet
59Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7756 EPCOS-B7756 Datasheet
90Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7777 EPCOS-B7777 Datasheet
62Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7803 EPCOS-B7803 Datasheet
68Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 1950,0 MHz
B9067 EPCOS-B9067 Datasheet
87Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com