Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9026 Datasheet(PDF) 2 Page - EPCOS

Part # B9026
Description  SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9026 Datasheet(HTML) 2 Page - EPCOS

  B9026 Datasheet HTML 1Page - EPCOS B9026 Datasheet HTML 2Page - EPCOS B9026 Datasheet HTML 3Page - EPCOS B9026 Datasheet HTML 4Page - EPCOS B9026 Datasheet HTML 5Page - EPCOS B9026 Datasheet HTML 6Page - EPCOS B9026 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Nov 04, 2005
SAW Components
B9026
1950,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Chip sized SAW package DCS6T
1
0,075
bottom view
side view
top view
2,0
3
2
4
0.38
6
5
Features
s
Low-loss RF filter for mobile telephone
W-CDMA system, transmit path
s
Low amplitude ripple
s
Usable passband 60 MHz
s
Balanced to unbalanced operation
s
Impedance transformation from 200
Ω to 50 Ω
s
Package for Surface Mounted Technology
(SMT)
s
Pb-free
Terminals
s
Gold-plated Ni
Dimensions in mm, approx. weight 0,006 g
Pin configuration
4, 6
Input, balanced
2
Output, unbalanced
1, 3, 5
To be grounded
Electrostatic Sensitive Device (ESD)
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B9026
B39202-B9026-K310
C61157-A7-A128
F61074-V8152-Z000
Maximum ratings
Operable temperature range
T
– 30/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5V
ESD voltage
VESD
50*
V
Machine Model, 10 pulses
Input power
PIN
10
dBm
continuous wave
4
6
2
1,3,5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com