Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8027 Datasheet (PDF) - Sipex Corporation

SP8027 Datasheet PDF - Sipex Corporation
Part # SP8027
Download  SP8027 Download
File Size   101.49 Kbytes
Page   3 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed, Constant Bandwidth Differential APC Amplifier

SP8027 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8027 Datasheet PDF - Sipex Corporation

Part # SP8027
Download  SP8027 Click to download

File Size   101.49 Kbytes
Page   3 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed, Constant Bandwidth Differential APC Amplifier

SP8027 Datasheet (HTML) - Sipex Corporation


SP8027 Product details

GENERAL DESCRIPTION
The SP8027 represents the next generation in Automatic Power Control (APC) amplifiers designed specifically for demanding pick-up head applications. Whereas typical APC products exhibit degradation of bandwidth and slower settling times at higher gain levels, the SP8027 features constant bandwidth (150MHz) and fast settling times (5ns) across the entire gain adjust range.

FEATURES
• Dual wavelength 650 and 780nm
• 150 MHz Bandwidth over all gains
• 400 V/µs Slew Rate
• 5 ns Setting Time
• 10 mV Differential Output Offset Voltage
• Potentiometer, Voltage or DAC programmable gain
• ± 6 dB External Gain Adjust
• Small 8-pin OPLGA package

APPLICATION
• CD-R, and CD-RW
• DVD+/-R, DVD+/-RW, and DVD-RAM




Similar Part No. - SP8027

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8024 SIPEX-SP8024 Datasheet
93Kb / 8P
200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
SP8025 SIPEX-SP8025 Datasheet
93Kb / 8P
200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
SP8026 SIPEX-SP8026 Datasheet
93Kb / 8P
200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
SP802L SIPEX-SP802L Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP802LCN SIPEX-SP802LCN Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Similar Description - SP8027

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
logo
Sipex Corporation
SP8126B SIPEX-SP8126B Datasheet
91Kb / 8P
High Speed Differential APC Amplifier
SP8127 SIPEX-SP8127 Datasheet
125Kb / 5P
High Speed Differential APC Amplifier
SP8127N SIPEX-SP8127N Datasheet
126Kb / 5P
High Speed Differential APC Amplifier
SP8130 SIPEX-SP8130 Datasheet
269Kb / 5P
High Speed Differential APC Amplifier
logo
Analog Devices
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
logo
National Semiconductor ...
LMH730154 NSC-LMH730154 Datasheet
558Kb / 5P
High Speed Differential Amplifier Evaluation Board
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
Differential, High-Speed Operational Amplifier
logo
Analog Devices
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com