Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8025 Datasheet (PDF) - Sipex Corporation

SP8025 Datasheet PDF - Sipex Corporation
Part # SP8025
Download  SP8025 Download
File Size   93.82 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 200V/us Integrated APC Amplifier with Gain Adjust & Differential Output

SP8025 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8025 Datasheet PDF - Sipex Corporation

Part # SP8025
Download  SP8025 Click to download

File Size   93.82 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 200V/us Integrated APC Amplifier with Gain Adjust & Differential Output

SP8025 Datasheet (HTML) - Sipex Corporation


SP8025 Product details

DESCRIPTION
The SP8024, SP8025, and SP8026 are high-speed, differential output APC amplifiers that integrate the photodiode and adjustable gain block on one chip. This allows the user to control the laser power of the system in high-speed DVDRW, DVDRAM and CDRW systems. The wide 2V output swing also allows better system performance.

FEATURES
■ Slew Rate of 200V/µs
■ Fast Settling Time - 10ns
■ Gain Switch
■ 2V Output Swing
■ Low Offset Voltage: < 10mV
■ Low Offset Drift: < 20µV/°C
■ 12dB External Gain Adjust Range




Similar Part No. - SP8025

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8027 SIPEX-SP8027 Datasheet
101Kb / 3P
High Speed, Constant Bandwidth Differential APC Amplifier
SP8027CG SIPEX-SP8027CG Datasheet
101Kb / 3P
High Speed, Constant Bandwidth Differential APC Amplifier
SP802L SIPEX-SP802L Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP802LCN SIPEX-SP802LCN Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP802LCN SIPEX-SP802LCN Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Similar Description - SP8025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
DIFFERENTIAL VARIABLE GAIN AMPLIFIER
May-2000
logo
Linear Technology
LT1351 LINER-LT1351 Datasheet
341Kb / 16P
250uA, 3MHz, 200V/us Operational Amplifier
logo
Sipex Corporation
SP8034A SIPEX-SP8034A Datasheet
68Kb / 6P
250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability
SP8126B SIPEX-SP8126B Datasheet
91Kb / 8P
High Speed Differential APC Amplifier
SP8127 SIPEX-SP8127 Datasheet
125Kb / 5P
High Speed Differential APC Amplifier
SP8127N SIPEX-SP8127N Datasheet
126Kb / 5P
High Speed Differential APC Amplifier
SP8036 SIPEX-SP8036 Datasheet
245Kb / 6P
APC Amplifier with Integrated Photodiode and Gain Adjust Capability
SP8130 SIPEX-SP8130 Datasheet
269Kb / 5P
High Speed Differential APC Amplifier
logo
New Japan Radio
NJM41035 NJRC-NJM41035 Datasheet
71Kb / 4P
LOW VOLTAGE GAIN ADJUST SINGLE ISOLATION AMPLIFIER WITH LPF
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com