Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8025 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8025
Description  200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8025 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8025 Datasheet HTML 1Page - Sipex Corporation SP8025 Datasheet HTML 2Page - Sipex Corporation SP8025 Datasheet HTML 3Page - Sipex Corporation SP8025 Datasheet HTML 4Page - Sipex Corporation SP8025 Datasheet HTML 5Page - Sipex Corporation SP8025 Datasheet HTML 6Page - Sipex Corporation SP8025 Datasheet HTML 7Page - Sipex Corporation SP8025 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Rev. 6/02/03
SP8024, 25, 26 200V/µs Integrated APC Amplifier
© Copyright 2003 Sipex Corporation
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
ELECTRICAL SPECIFICATIONS
Unless otherwise noted: VCC = +5.0V, CLOAD = 50pF to GND, RGAIN=262Ω and RLOAD = 1kΩ. -20°C≤TA≤ +85°C,
nominal gain
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Supply Voltage
4.5
5
5.5
V
Nominal Output Sensitivity
Any Select Mode
SP8024
ODB Gain
1000
V/W
SP8025
2000
SP8026
3000
Input Optical Power Required
Any Select Mode
to Produce 2 V Output Swing
ODB Gain
SP8024
2
mW
SP8025
1
SP8026
0.666
Full Scale Output Voltage Swing(Vp-p)
1.9
2
V
Output Common Mode Voltage
VCC/2
V
Differential Output Offset Voltage
-10
10
mV
Differential Output Offset Voltage Drift
-20
20
µV/°C
Differential Output Noise
BW: 1kHz to 1MHz
1
2
mV
Differential Output Noise
BW: 1kHz to 100MHz
3
5
mV
Differential Output Slew Rate
200
250
V/µs
Differential Output Settling Time
10
15
ns
to 1% of Final Value, 2V Step
Output Overshoot, 2V step
5
%
Bandwidth (-3db)
65
100
MHz
PSRR
4.5V < VCC < 5.5V
60
65
dB
Power Supply Current
TA = 25°C20
mA
Full Temp No Load
25
Gain Adjust Range
< 5% Overshoot,
-9
3
dB
150 < RGAIN < 1350Ω
Input Voltage
Vlow(TTL Level)
0.8
V
Vhigh(TTL Level)
2.2
V
TJA, 3mm x 3.5mm Package
75
°C/W
TJ(MAX) ........................................................................................ 120°C
VS(MAX) ............................................................................................... 6V
VIN(MAX) .............................................................................................. 6V
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com