Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9415 Datasheet (PDF) - EPCOS

B9415 Datasheet PDF - EPCOS
Part # B9415
Download  B9415 Download
File Size   90.99 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW filter 1575.42 MHz

B9415 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9415 Datasheet PDF - EPCOS

Part # B9415
Download  B9415 Click to download

File Size   90.99 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW filter 1575.42 MHz

B9415 Datasheet (HTML) - EPCOS


B9415 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5U
■ RoHS compatible
■ Approximate weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for mobile telephone GPS systems
■ Filter impedance 50 Ω
■ Unbalanced to unbalanced operation
■ Very low insertion attenuation
■ Low amplitude ripple
■ Usable passband 2.0 MHz




Similar Part No. - B9415

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
85Kb / 8P
SAW filter GPS
B9415 EPCOS-B9415_1 Datasheet
85Kb / 8P
SAW filter GPS
More results


Similar Description - B9415

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
1575.42 MHz SAW Filter
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
1575.42 MHz SAW Filter
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
1575.42 MHz SAW Filter
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
1575.42 MHz SAW Filter
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
SAW Filter 1575.42 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com