Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1186B-3 Datasheet (PDF) - RF Monolithics, Inc

SF1186B-3 Datasheet PDF - RF Monolithics, Inc
Part # SF1186B-3
Download  SF1186B-3 Download
File Size   573.18 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 1575.42 MHz SAW Filter

SF1186B-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1186B-3 Datasheet PDF - RF Monolithics, Inc

Part # SF1186B-3
Download  SF1186B-3 Click to download

File Size   573.18 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 1575.42 MHz SAW Filter

SF1186B-3 Datasheet (HTML) - RF Monolithics, Inc


SF1186B-3 Product details

1575.42 MHz SAW Filter

• Designed for GPS RF Front-end Applications
• Low Insertion Loss
• 3.0 x 3.0 x 1.3 mm Surface-mount Case
• No Matching Circuit Required
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1186B-3

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1186B-2 RFM-SF1186B-2 Datasheet
788Kb / 6P
1575.42 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1186B-2 MURATA-SF1186B-2 Datasheet
417Kb / 7P
Designed for Front-end GPS Applications
logo
RF Monolithics, Inc
SF1186B-4 RFM-SF1186B-4 Datasheet
144Kb / 4P
1575 MHz SAW Filter
More results


Similar Description - SF1186B-3

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
1575.42 MHz SAW Filter
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
1575.42 MHz SAW Filter
logo
RF Monolithics, Inc
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
1575.42 MHz SAW Filter
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
SAW Filter 1575.42 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com