Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5125 Datasheet (PDF) - RF Micro Devices

RF5125 Datasheet PDF - RF Micro Devices
Part # RF5125
Download  RF5125 Download
File Size   261.32 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER

RF5125 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5125 Datasheet PDF - RF Micro Devices

Part # RF5125
Download  RF5125 Click to download

File Size   261.32 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER

RF5125 Datasheet (HTML) - RF Micro Devices


RF5125 Product details

Product Description

The RF5125 is a linear, medium-power, high-efficiency, two-stage amplifier IC designed specifically for battery-powered WLAN applications such as PC cards, mini PCI, and compact flash applications. The device is manufactured on an advanced InGaP Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in 2.5GHz OFDM and other spread spectrum transmitters. The device is provided in a 3mmx3mm, 16-pin, QFN with a backside ground. The RF5125 is designed to maintain linearity over a wide range of supply voltage and power output.



Features

„ Single Power Supply 3.0V to 5.0V

„ +21dBm, <4.0%EVM,185mA@VCC=3.3V

„ 28dB Typical Small Signal Gain

„ 50Ω Input and Interstage Matching

„ 2400MHz to 2500MHz Frequency Range

„ +23dBm, <4%EVM,250mA@VCC=5.0V



Applications

„ IEEE802.11b/g/n WLAN Applications

„ 2.5GHz ISM Band Applications

„ Commercial and Consumer Systems

„ Portable Battery-Powered Equipment

„ Spread-Spectrum and MMDS Systems




Similar Part No. - RF5125

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
More results


Similar Description - RF5125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5102 RFMD-RF5102 Datasheet
591Kb / 11P
3V TO 5V LINEAR POWER AMPLIFIER FOR 2.4GHz WIFI
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com