Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2242 Datasheet (PDF) - Maxim Integrated Products

MAX2242 Datasheet PDF - Maxim Integrated Products
Part # MAX2242
Download  MAX2242 Download
File Size   191.1 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.4GHz to 2.5GHz Linear Power Amplifier

MAX2242 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2242 Datasheet PDF - Maxim Integrated Products

Part # MAX2242
Download  MAX2242 Click to download

File Size   191.1 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.4GHz to 2.5GHz Linear Power Amplifier

MAX2242 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX2242

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2242EVKIT MAXIM-MAX2242EVKIT Datasheet
156Kb / 5P
2.7V to 3.6V True Single-Supply Operation Evaluation Kit
Rev 0; 1/01
More results


Similar Description - MAX2242

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
WiFi Power Amplifier 2.4GHz to 2.5GHz
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com