Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5144 Datasheet (PDF) - RF Micro Devices

RF5144 Datasheet PDF - RF Micro Devices
Part # RF5144
Download  RF5144 Download
File Size   82.56 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND CDMA 800MHz/1900MHz TRI-MODE POWER AMPLIFIER MODULE

RF5144 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5144 Datasheet PDF - RF Micro Devices

Part # RF5144
Download  RF5144 Click to download

File Size   82.56 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND CDMA 800MHz/1900MHz TRI-MODE POWER AMPLIFIER MODULE

RF5144 Datasheet (HTML) - RF Micro Devices


RF5144 Product details

Product Description

The RF5144 is a high-power, high-efficiency linear amplifier module specifically designed for 3V handheld systems. The device is manufactured on an advanced third generation GaAs HBT process, and was designed for use as the final RF amplifier in 3V IS-95/CDMA20001X/AMPS handheld digital cellular equipment, spread-spectrum systems, and other applications in the 824MHz to 849MHz band and 1850MHz to 1910MHz band. The RF5144 has a digital control line for low power applications to lower quiescent current. The RF5144 is assembled in a 24-pin, 4mmx4mm, QFN package.



Features

• Input/Output Internally Matched@50Ω

• 28dBm Output Power

• 41% Peak Linear Efficiency for Cell Band

• -51dBc ACPR @ 885kHz for Cell Band

• -50dBc ACPR@1.25MHz for PCS Band

• 40% Peak Linear Efficiency for PCS Band



Typical Applications

• 3V CDMA/AMPS Cellular Handset

• 3V CDMA2000/1XRTT Cellular Handset

• 3V CDMA US-PCS Handset

• 3V CDMA2000/1XRTT US-PCS Handset




Similar Part No. - RF5144

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146PCBA-41X RFMD-RF5146PCBA-41X Datasheet
1,012Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146PCBA-41X RFMD-RF5146PCBA-41X Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146SB RFMD-RF5146SB Datasheet
1,012Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Similar Description - RF5144

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_07 Datasheet
682Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF5184 RFMD-RF5184 Datasheet
82Kb / 8P
DUAL-BAND 800MHz/1900MHz W-CDMA POWER AMPLIFIER MODULE
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
ACPM-9374140-TR1 AVAGO-ACPM-9374140-TR1 Datasheet
167Kb / 3P
Tri-band Power Amplifier Module
logo
Broadcom Corporation.
ACPM-9374140-TR1 BOARDCOM-ACPM-9374140-TR1 Datasheet
167Kb / 3P
Tri-band Power Amplifier Module
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com