Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5184 Datasheet (PDF) - RF Micro Devices

RF5184 Datasheet PDF - RF Micro Devices
Part # RF5184
Download  RF5184 Download
File Size   82.67 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND 800MHz/1900MHz W-CDMA POWER AMPLIFIER MODULE

RF5184 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5184 Datasheet PDF - RF Micro Devices

Part # RF5184
Download  RF5184 Click to download

File Size   82.67 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND 800MHz/1900MHz W-CDMA POWER AMPLIFIER MODULE

RF5184 Datasheet (HTML) - RF Micro Devices


RF5184 Product details

Product Description

The RF5184 is a high-power, high-efficiency linear amplifier module specifically designed for 3V handheld systems. The device is manufactured on an advanced third generation GaAs HBT process, and was designed for use as the final RF amplifier in W-CDMA handheld digital cellular equipment, spread-spectrum systems, and other applications in the 824MHz to 849MHz band (Band 5) and 1850MHz to 1910MHz band (Band 2). The RF5184 has a digital control line for low power applications to lower quiescent current. The RF5184 is assembled in a 24-pin, 4mmx4mm, QFN package.



Features

• Input/Output Internally Matched@50Ω

• 43% Peak Linear Efficiency for Cell Band

• -41dBc ACLR @ 5MHz for Cell Band

• -40dBc ACLR@5MHz for PCS Band

• 44% Peak Linear Efficiency for PCS Band

• HSDPA Capable



Typical Applications

• 3V W-CDMA Cellular Handset (Band 5)

• 3V W-CDMA US-PCS Handset (Band 2)




Similar Part No. - RF5184

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5187 RFMD-RF5187 Datasheet
50Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187 RFMD-RF5187 Datasheet
81Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187 RFMD-RF5187 Datasheet
207Kb / 8P
LOW POWER LINEAR AMPLIFIER
RF5187PCBA RFMD-RF5187PCBA Datasheet
50Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187PCBA-41X RFMD-RF5187PCBA-41X Datasheet
81Kb / 6P
LOW POWER LINEAR AMPLIFIER
More results


Similar Description - RF5184

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF5176 RFMD-RF5176 Datasheet
169Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF5144 RFMD-RF5144 Datasheet
82Kb / 8P
DUAL-BAND CDMA 800MHz/1900MHz TRI-MODE POWER AMPLIFIER MODULE
RF3511 RFMD-RF3511 Datasheet
86Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3512 RFMD-RF3512 Datasheet
114Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3514 RFMD-RF3514 Datasheet
115Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3518 RFMD-RF3518 Datasheet
87Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
logo
Qorvo, Inc
RF3518 QORVO-RF3518 Datasheet
87Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3515 QORVO-RF3515 Datasheet
118Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com