Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2161 Datasheet (PDF) - RF Micro Devices

RF2161 Datasheet PDF - RF Micro Devices
Part # RF2161
Download  RF2161 Download
File Size   150.92 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER

RF2161 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2161 Datasheet PDF - RF Micro Devices

Part # RF2161
Download  RF2161 Click to download

File Size   150.92 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER

RF2161 Datasheet (HTML) - RF Micro Devices


RF2161 Product details

Product Description
The RF2161 is a high-power, high-efficiency linear amplifier IC targeting 3V handheld systems. The device is manufactured on an advanced Gallium Arsenide Hetero junction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in 3V CDMA-2000 and W-CDMA handsets, spread spectrum systems, and other applications in the 1920MHz to 1980 MHz band. The device is self-contained with 50Ω input and the output can be easily matched to obtain optimum power, efficiency, and linearity characteristics over all recommended supply voltages.

Features
• Single 3V Supply
• 27dBm Linear Output Power
• 30dB Linear Gain
• 35% Linear Efficiency
• On-board Power Down Mode

Typical Applications
• 3V 1850-1910 CDMA-2000 Handsets
• 3V 1920-1980 W-CDMA Handsets
• Spread Spectrum Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2161

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2162 RFMD-RF2162 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2162PCBA RFMD-RF2162PCBA Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2162PCBA RFMD-RF2162PCBA Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
More results


Similar Description - RF2161

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF5176 RFMD-RF5176 Datasheet
169Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF3164 RFMD-RF3164 Datasheet
98Kb / 10P
3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4 Datasheet
67Kb / 6P
3V 1900MHZ LINEAR POWER AMPLIFIER
RF3164 RFMD-RF3164_06 Datasheet
91Kb / 10P
3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198 Datasheet
92Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_06 Datasheet
59Kb / 6P
3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_1 Datasheet
167Kb / 8P
3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_1 Datasheet
241Kb / 10P
3V 1900MHz LINEAR POWER AMPLIFIER MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com