Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5198 Datasheet (PDF) - RF Micro Devices

RF5198 Datasheet PDF - RF Micro Devices
Part # RF5198
Download  RF5198 Download
File Size   92.02 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE

RF5198 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5198 Datasheet PDF - RF Micro Devices

Part # RF5198
Download  RF5198 Click to download

File Size   92.02 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE

RF5198 Datasheet (HTML) - RF Micro Devices


RF5198 Product details

Product Description

The RF5198 is a high-power, high-efficiency linear amplifier module specifically designed for 3V handheld systems. The device is manufactured on an advanced third generation GaAs HBT process, and was designed for use as the final RF amplifier in 3V W-CDMA handheld digital cellular equipment, spread-spectrum systems, and other applications in the 1920MHz to 1980MHz band (Band 1). The RF5198 has a digital control pin for low power applications to lower quiescent current. This PA also includes a power detector circuit. The RF5198 is assembled in at 16-pin, 3mmx3mm, QFN package.



Features

„ Input/Output Internally Matched@50Ω

„ 27.5dBm Linear Output Power

„ 42% Peak Linear Efficiency

„ -41dBc ACLR @ ±5MHz

„ Integrated Power Detector

„ HSDPA Capable



Applications

„ 3V W-CDMA Band 1 Handsets

„ Multi-Mode W-CDMA 3G Hand sets

„ 3V TD-SCDMA Handsets

„ Spread-Spectrum Systems




Similar Part No. - RF5198

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5198 RFMD-RF5198 Datasheet
214Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5198PCBA-41X RFMD-RF5198PCBA-41X Datasheet
214Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198_1 Datasheet
214Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
More results


Similar Description - RF5198

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF5176 RFMD-RF5176 Datasheet
169Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF3165 RFMD-RF3165_06 Datasheet
79Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3266 RFMD-RF3266 Datasheet
191Kb / 10P
3V W-CDMA LINEAR PA MODULE
RF5188 RFMD-RF5188 Datasheet
89Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198_1 Datasheet
214Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188 RFMD-RF5188_1 Datasheet
210Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_1 Datasheet
177Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3514 RFMD-RF3514 Datasheet
115Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com