Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5187 Datasheet (PDF) - RF Micro Devices

RF5187 Datasheet PDF - RF Micro Devices
Part # RF5187
Download  RF5187 Download
File Size   50.08 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LOW POWER LINEAR AMPLIFIER

RF5187 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5187 Datasheet PDF - RF Micro Devices

Part # RF5187
Download  RF5187 Click to download

File Size   50.08 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LOW POWER LINEAR AMPLIFIER

RF5187 Datasheet (HTML) - RF Micro Devices


RF5187 Product details

Product Description

The RF5187 is a highly-linear, low-power amplifier IC. It has been designed for use as the driver RF amplifier in applications such as W-CDMA basestations. The RF5187 requires an input and output matching network and power supply feed line. The device is manufactured on an advanced Gallium Arsenide HBT process, and is

packaged in a 8-pin plastic package with a backside ground.



Features

„ Single 3V to 6V Supply

„ 10dBm to 20dBm Ultra Linear Output Power

„ 14dB Gain at 2.14GHz

„ Power Down Mode

„ 800MHz to 2500MHz Operation



Applications

„ 2.14GHz UMTS Systems

„ Digital Communication Systems

„ PCS Communication Systems

„ Commercial and Consumer Systems




Similar Part No. - RF5187

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5187 RFMD-RF5187 Datasheet
81Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187 RFMD-RF5187 Datasheet
207Kb / 8P
LOW POWER LINEAR AMPLIFIER
RF5187PCBA-41X RFMD-RF5187PCBA-41X Datasheet
81Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187PCBA-41X RFMD-RF5187PCBA-41X Datasheet
207Kb / 8P
LOW POWER LINEAR AMPLIFIER
RF5187 RFMD-RF5187_06 Datasheet
81Kb / 6P
LOW POWER LINEAR AMPLIFIER
More results


Similar Description - RF5187

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF5187 RFMD-RF5187_06 Datasheet
81Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187 RFMD-RF5187_1 Datasheet
207Kb / 8P
LOW POWER LINEAR AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RFGA2012 RFMD-RFGA2012 Datasheet
1Mb / 12P
InGaP HBT LOW POWER LINEAR AMPLIFIER
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com