Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5187 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5187
Description  LOW POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5187 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5187 Datasheet HTML 1Page - RF Micro Devices RF5187 Datasheet HTML 2Page - RF Micro Devices RF5187 Datasheet HTML 3Page - RF Micro Devices RF5187 Datasheet HTML 4Page - RF Micro Devices RF5187 Datasheet HTML 5Page - RF Micro Devices RF5187 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
2-76
RF5187
Rev A1 011016
2
Evaluation Board Schematic
2140MHz Operation
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
8
7
6
5
BIAS
CIRCUIT
PACKAGE BASE
C1
2.4 pF
J1
RF IN
P1
1
2
3
CON3
P1-1
VCC
P1-3
VPC
GND
C2
2.4 pF
50
Ωµstrip
VPC
C6
1000 pF
VCC
C7
1000 pF
C8
1uF
L1
4.7 nH
C5
33 pF
C3
1.8 pF
C3
3.3 pF
50
Ωµstrip
J2
RF OUT
V
CC =5 V
f = 2140 MHz
P
OUT =13 dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com