Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR63CAJ Datasheet (PDF) - Solid States Devices, Inc

SDR63CAJ Datasheet PDF - Solid States Devices, Inc
Part # SDR63CAJ
Download  SDR63CAJ Download
File Size   61.3 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 40A 35nsec 300-600 V Hyper Fast Centertap Rectifier

SDR63CAJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SDR63CAJ Datasheet PDF - Solid States Devices, Inc

Part # SDR63CAJ
Download  SDR63CAJ Click to download

File Size   61.3 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 40A 35nsec 300-600 V Hyper Fast Centertap Rectifier

SDR63CAJ Datasheet (HTML) - Solid States Devices, Inc


SDR63CAJ Product details

FEATURES:
 • Hyper Fast Recovery: 35 nsec Maximum 3/
 • High Surge Rating
 • Low Reverse Leakage Current
 • Low Junction Capacitance
 • Isolated Hermetically Sealed Package
 • Gold Eutectic Die Attach Available
 • Ultrasonic Aluminum Wire Bonds
 • Custom Lead Forming Available
 • TX, TXV, and Space Level Screening Available Consult Factory.2/




Similar Part No. - SDR63CAJ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR63CAM SSDI-SDR63CAM Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR63CAZ SSDI-SDR63CAZ Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
More results


Similar Description - SDR63CAJ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR4006HF SSDI-SDR4006HF Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR953M SSDI-SDR953M Datasheet
83Kb / 2P
50A, 35nsec, 300-600 V Hyper Fast Rectifier
SDR623 SSDI-SDR623 Datasheet
53Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTM SSDI-SDR623CTM Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623G SSDI-SDR623G Datasheet
47Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTS1 SSDI-SDR623CTS1 Datasheet
48Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CT-3 SSDI-SDR623CT-3 Datasheet
55Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CTC SSDI-SDR623CTC Datasheet
54Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CT-CA SSDI-SDR623CT-CA Datasheet
61Kb / 2P
40A 35nsec 300-600 V Common Anode & Common Cathode Hyper Fast Centertap Rectifier
SDR9103CTNA SSDI-SDR9103CTNA Datasheet
235Kb / 2P
100AMP 300-500VOLTS 35nsec HYPER FAST CENTERTAP RECTIFIER 40MIL PINS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com