Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7112 Datasheet (PDF) - NXP Semiconductors

SAA7112 Datasheet PDF - NXP Semiconductors
Part # SAA7112
Download  SAA7112 Download
File Size   81.57 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Decoder with High-Performance Scaler HPS for Image Port PELICAN

SAA7112 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7112 Datasheet PDF - NXP Semiconductors

Part # SAA7112
Download  SAA7112 Click to download

File Size   81.57 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Decoder with High-Performance Scaler HPS for Image Port PELICAN

SAA7112 Datasheet (HTML) - NXP Semiconductors


SAA7112 Product details

GENERAL DESCRIPTION

The PELICAN SAA7112 is a video capture device for applications at the image port of VGA controllers.

The SAA7112 is a combination of a two channel analog preprocessing circuit including source-selection, anti-aliasing filter and ADC, an automatic clamp and gain control, a Clock Generation Circuit (CGC), a digital multistandard decoder and a SAA7140B based scaler, including variable horizontal and vertical up and down scaling and a brightness, contrast and saturation control circuit (see Fig.1).



FEATURES

The PELICAN SAA7112 is a video capture device for application at the image port of a VGA controller, with following feature highlights:

Video Decoder

• Six analog inputs, internal analog source selectors, (e.g. 6 × CVBS or(2 × YC and 2 × CVBS) or (1 × YC and 4 × CVBS)

• Two analog preprocessing channels, including built in analog anti-alias filters

• Fully programmable static gain for the main channels or Automatic Gain Control (AGC) for the selected CVBS/Y channel

• Two 8 bit video CMOS Analog-to-Digital Converters (ADCs)

• Automatic Clamp Control (ACC) for CVBS, Y and C

• Switchable white peak control

• On-chip line locked clock generation in accordance with CCIR-601

• Digital PLL for synchronization and clock generation from all standards and non-standard video sources, e.g. consumer grade VTR

• Requires only one crystal (32.11 MHz) for all standards

• Horizontal and vertical sync detection

• Automatic detection of 50/60Hz field frequency, and automatic switching between standards PAL and NTSC

• Luminance and chrominance signal processing for PAL BGHI, PAL N, PAL M, NTSC M, NTSC N, NTSC 4.43 and SECAM

• User programmable luminance peaking or aperture correction

• Cross-colour reduction for NTSC by chrominance combination filtering

• PAL delay line for correcting PAL phase errors

• Real time status information output (RTCO)

• Independent Brightness Contrast Saturation (BCS) adjustment for decoder part.



Video Scaler

• Horizontal and vertical down-scaling and up-scaling to randomly sized windows

• Horizontal and vertical scaling range: 2 (zoom) to 1⁄64 (icon); vertical zoom might be restricted

• Anti-alias- and accumulating filter for horizontal scaling

• Vertical scaling with linear phase interpolation (6-bit phase accuracy) and accumulating filter for anti-aliasing

• Horizontal phase correct up- and down-scaling for improved signal quality of scaled data, especially for compression and video phone applications, with 6-bit phase accuracy

• Two independent programming sets for scaler part, to define two ‘ranges’ per field or per frame

• Field-wise switching between decoder-part and expansion port input

• Brightness, contrast and saturation controls for scaled outputs.



VBI-data decoder and text slicer

• versatile VBI-data decoder, slicer, clock regeneration and byte synchronization; e.g. for WST, NABST, Close Caption, WSS, etc.



Audio clock generation

• Generation of a field locked audio master clock to support a constant number of audio clocks per video field

• Generation of an audio serial and left/right (channel) clock signal.



Digital I/O interfaces

• Real time signal port (R-port), including continuous line locked reference clock and real time status information

• Bidirectional expansion port (X-port) with half duplex functionality (D1), 8-bit YUV

   – output from decoder part, real time, or

   – input to scaler part, e.g. video from MPEG-decoder

• Video image port (I-port) configurable for 8-bit (16-bit) data in master mode (own clock), or slave mode (external clock), with auxiliary timing and hand shake signals

• 8-bit data Host port (H-port) for 16-bit extension of I-port

• Discontinuous data streams supported

• 32-word × 4 bytes FIFO register for video output data

• 16-word × 4 bytes FIFO register for decoded VBI output data Scaled 4 : 2 : 2, 4 : 1 : 1 YUV output

• Scaled 8-bit luminance only and raw data output

• Decoded VBI data output.



 




Similar Part No. - SAA7112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
One Chip Front-end 1 OCF1
1995 Oct 18
SAA7110A PHILIPS-SAA7110A Datasheet
416Kb / 76P
One Chip Front-end 1 OCF1
1995 Oct 18
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
Video Input Processor VIP
1998 May 15
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AH PHILIPS-SAA7111AH Datasheet
441Kb / 72P
Enhanced Video Input Processor EVIP
1998 May 15
More results


Similar Description - SAA7112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
SAA7140A PHILIPS-SAA7140A Datasheet
432Kb / 68P
High Performance Scaler HPS
1996 Sep 04
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
MULTISTANDARD VIDEO DECODER/SCALER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
MULTISTANDARD VIDEO DECODER/SCALER
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
TW9903-Multi-standard Video Decoder With High Quality Down Scaler
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
logo
Samsung semiconductor
S5D4100X SAMSUNG-S5D4100X Datasheet
769Kb / 94P
Digital Interface Including Scaler, Image Enhancement
logo
Rohm
BU2373FV ROHM-BU2373FV_11 Datasheet
388Kb / 19P
High Performance VCOs for Image Sampling
logo
NXP Semiconductors
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com