Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

503 Datasheet (PDF) - Infinite Electronics International, Inc.

503 Datasheet PDF - Infinite Electronics International, Inc.
Part # 503
Download  503 Download
File Size   383.64 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Small compact size clamp-meter that fits comfortably in a tool bag

503 Datasheet (PDF)

Go To PDF Page Download Datasheet
503 Datasheet PDF - Infinite Electronics International, Inc.

Part # 503
Download  503 Click to download

File Size   383.64 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Small compact size clamp-meter that fits comfortably in a tool bag

503 Datasheet (HTML) - Infinite Electronics International, Inc.


503 Product details

FEATURES
• Compact size - fits into
your pocket
• 400AAC or 400AAC/DC
current measurements
• 600VAC/DC volts
measurements
• Resistance
measurements to 400Ω
• Continuity with
beeper below 40Ω
• Hold function to “freeze”
readings
• Push-button for
easy ADC zeroing
• Large, easy-to-read
4000-count LCD display
• 42-segment analog
bargraph
• Includes test leads
and soft carrying pouch




Similar Part No. - 503

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
503 ARIES-503 Datasheet
658Kb / 1P
Available with Solder Tail or Wire Wrap Pins
logo
Infinite Electronics In...
503 L-COM-503 Datasheet
478Kb / 1P
Full ranges and compliance to international safety and quality standards ensure a professional and reliable tool
logo
France Joint
503 FRANCEJOINT-503 Datasheet
846Kb / 5P
PISTON SEALS
logo
Keystone Electronics Co...
503 KEYSTONE-503 Datasheet
174Kb / 1P
THM BATTERY HOLDERS
31-07 20th
logo
MG Chemicals
503 MG-CHEMICALS-503 Datasheet
266Kb / 4P
Copper Clad Boards 500 Series Technical Data Sheet
16 March 2017 / Ver. 2.01
More results


Similar Description - 503

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DC3217BY INTEL-DC3217BY Datasheet
694Kb / 4P
The Shape that Fits the Future
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
The Shape that Fits the Future
logo
List of Unclassifed Man...
PA1555 ETC2-PA1555 Datasheet
1Mb / 16P
It?셲 a complete tool kit that fits in your palm.
PA8000 ETC2-PA8000 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
VAF512 ETC2-VAF512 Datasheet
122Kb / 3P
Small and compact size
logo
PHOENIX CONTACT
1212500 PHOENIX-1212500 Datasheet
48Kb / 2P
Tool bag, unequipped - TOOL-BAG EMPTY
1212503 PHOENIX-1212503 Datasheet
77Kb / 6P
Tool bag - TOOL-CARRIER
1212504 PHOENIX-1212504 Datasheet
75Kb / 6P
Tool bag - TOOL-BAG
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com