Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

503 Datasheet (PDF) - Infinite Electronics International, Inc.

503 Datasheet PDF - Infinite Electronics International, Inc.
Part # 503
Download  503 Download
File Size   478.27 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Full ranges and compliance to international safety and quality standards ensure a professional and reliable tool

503 Datasheet (PDF)

Go To PDF Page Download Datasheet
503 Datasheet PDF - Infinite Electronics International, Inc.

Part # 503
Download  503 Click to download

File Size   478.27 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Full ranges and compliance to international safety and quality standards ensure a professional and reliable tool

503 Datasheet (HTML) - Infinite Electronics International, Inc.


503 Product details

FEATURES
• Compact size - fits into
your pocket
• 400AAC or 400AAC/DC
current measurements
• 600VAC/DC volts
measurements
• TRMS measurements
(Model 502)
• Resistance
measurements to 400Ω
• Continuity with
beeper below 40Ω
• Frequency
measurements from
V and A (Model 502)
• Hold function to “freeze”
readings
• Push-button for
easy ADC zeroing
(Model 503)
• Large, easy-to-read
4000-count display
• 42-segment analog
bargraph
• Includes test leads
and soft carrying pouch




Similar Part No. - 503

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
503 ARIES-503 Datasheet
658Kb / 1P
Available with Solder Tail or Wire Wrap Pins
logo
Infinite Electronics In...
503 L-COM-503 Datasheet
383Kb / 1P
Small compact size clamp-meter that fits comfortably in a tool bag
logo
France Joint
503 FRANCEJOINT-503 Datasheet
846Kb / 5P
PISTON SEALS
logo
Keystone Electronics Co...
503 KEYSTONE-503 Datasheet
174Kb / 1P
THM BATTERY HOLDERS
31-07 20th
logo
MG Chemicals
503 MG-CHEMICALS-503 Datasheet
266Kb / 4P
Copper Clad Boards 500 Series Technical Data Sheet
16 March 2017 / Ver. 2.01
More results


Similar Description - 503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
International Standards at Lower Cost and Better Performance
T0814 ETC1-T0814 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
logo
Omron Electronics LLC
D4N OMRON-D4N Datasheet
6Mb / 24P
Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
logo
List of Unclassifed Man...
HN5-9-OV-A ETC2-HN5-9-OV-A Datasheet
374Kb / 7P
World-wide ac input ranges and safety standards
logo
Cymbet Corporation
PI-72-04 CYMBET-PI-72-04 Datasheet
321Kb / 11P
EnerChip Standards Compliance and Use Procedures
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
Full USB Compliance and USB-OTG Support
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
International Standards at Lower Cost and Better Performance
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
International Standards at Lower Cost and Better Performance
IF-2-10 BEL-IF-2-10 Datasheet
1,019Kb / 3P
For Critical Height and International Safety Requirements
logo
Kingston Technology Far...
MLPR2 KINGSTON-MLPR2 Datasheet
179Kb / 2P
CANVAS REACT PLUS SD Creativity and Inspiration in Professional Quality
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com