Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5233 Datasheet (PDF) - Infinite Electronics International, Inc.

5233 Datasheet PDF - Infinite Electronics International, Inc.
Part # 5233
Download  5233 Download
File Size   548.45 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description digital Multimeters

5233 Datasheet (PDF)

Go To PDF Page Download Datasheet
5233 Datasheet PDF - Infinite Electronics International, Inc.

Part # 5233
Download  5233 Click to download

File Size   548.45 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description digital Multimeters

5233 Datasheet (HTML) - Infinite Electronics International, Inc.


5233 Product details

FEATURES
• Non-contact detection of network voltage
(NCV Function-AC only)
• AC/DC current up to 10A or 600A with a current
clamp giving direct readings (Model 5231)
• High sensitivity with a resolution of 0.01mV
• Their protection enables them to withstand overloads
up to 8000V
• VLowZ function detect the presence of ghost voltage by
placing a burden on the circuit
• Multi-position mounting
• 2-Off positions




Similar Part No. - 5233

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5233 POMONA-5233 Datasheet
55Kb / 2P
High Temperature Double Banana Jack
logo
NYLENE
5233-HS NYLENE-5233-HS Datasheet
280Kb / 1P
Injection Molding
logo
Vishay Siliconix
52331E3 VISHAY-52331E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
More results


Similar Description - 5233

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
Digital Mini MultiMeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
Digital Multimeters
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
Digital Multimeters
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
Digital Multimeters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com