Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5233 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 5233
Description  digital Multimeters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

5233 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  5233 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRICE
NIST CALIBRATION
$79.00
$49.00
$99.00
$49.00
Technical Assistance (800) 343-1391
www.aemc.com 75
product includeS
Set of two 5 ft color-coded
test leads, soft carrying case
and user manual.
featureS
• Non-contact detection of network voltage
(NCV Function-AC only)
• AC/DC current up to 10A or 600A with a current
clamp giving direct readings (Model 5231)
• High sensitivity with a resolution of 0.01mV
• Their protection enables them to withstand overloads
up to 8000V
• VLowZ function detect the presence of ghost voltage by
placing a burden on the circuit
• Multi-position mounting
• 2-Off positions
Models 5231 & 5233
Compact and simple, these
multimeters with a large backlit
display and non-contact voltage
detection are exceptional products
and a great value for today's market
Special
product
features
▼
-CONT
AS
URE AC
TO
M VOL
VOLTAG
ETECTIO
AGE
& CUR
DIGITAL MULTIMETERS
5000 Series
SpecificationS
MODELS
5231
5233
Display
6000-count backlit display + 61-segment bargraph
Acquisition
True RMS
Autorange or Manual
Yes
Bandwidth
3kHz (V) / 1kHz (A)
Best Accuracy
0.2%
AC Voltage
6 ranges / 60mV to 1000V
Resolution: 0.01mV
6 ranges / 60mV to 1000V
Resolution: 0.01mV
AC LowZ Voltage
4 ranges / 60mV to 1000V
Resolution: 0.01mV
4 ranges / 60mV to 1000V
Resolution: 0.01mV
DC Voltage
6 ranges / 600V to 1000V
Resolution: 0.01mV
6 ranges / 600V to 1000V
Resolution: 0.01mV
AC Current / DC Current
With 1mV/A clamp: 1 range - 600A
Resolution: 0.1A
2 ranges / 6 to 10A
Resolution: 0.001A
Resistance Measurement
6 ranges - 60M
Ω - Resolution: 0.1Ω
Audible Continuity/Diode Test
Yes
Frequency/Duty Cycle
–
3 ranges: up to 3kHz / Yes
Capacitance
6 ranges - 1000μF - Resolution: 0.01nF
Temperature
(with external K thermocouple)
–
1 range: -20° to +760°C /
4° to +1400°F / Resolution: 1°
non-contact Voltage
Detection (nCV)
Yes
Display Hold Function
Yes
Relative Mode
–
Yes
Min-Max
–
Yes
Power Supply
9V Alkaline battery (6LF22)
Protection Rating
IP54
Dimensions
6.1 x 2.9 x 2.17" (155 x 75 x 55mm)
weight
.70 lb (320g)
Safety Rating
600V CAT IV / 1000V CAT III
600V CAT IV / 1000V CAT III
R ATIN G
SAFETY
catalog no.
DescRIptIon
2125.64
Digital Multimeter Model 5231 (TRMS, 6000-cts, V, AC/DC, Ohm, CT, NCV)
2125.65
Digital Multimeter Model 5233 (TRMS, 6000-cts, V, A, AC/DC, CAP, Ohm, T, NCV)
Thermocouple
Included with Model 5233
NEW!


Similar Part No. - 5233

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5233 POMONA-5233 Datasheet
55Kb / 2P
High Temperature Double Banana Jack
logo
NYLENE
5233-HS NYLENE-5233-HS Datasheet
280Kb / 1P
Injection Molding
logo
Vishay Siliconix
52331E3 VISHAY-52331E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
More results

Similar Description - 5233

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
Digital Mini MultiMeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
Digital Multimeters
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
Digital Multimeters
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
Digital Multimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com