Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7128H Datasheet (PDF) - NXP Semiconductors

SAA7128H Datasheet PDF - NXP Semiconductors
Part # SAA7128H
Download  SAA7128H Download
File Size   192.63 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital video encoder

SAA7128H Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7128H Datasheet PDF - NXP Semiconductors

Part # SAA7128H
Download  SAA7128H Click to download

File Size   192.63 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital video encoder

SAA7128H Datasheet (HTML) - NXP Semiconductors


SAA7128H Product details

GENERAL DESCRIPTION
The SAA7128H; SAA7129H encodes digital CB-Y-CR video data to an NTSC, PAL or SECAM CVBS or S-video signal. Simultaneously, RGB or bypassed but interpolated CB-Y-CR signals are available via three additional DACs.

FEATURES
• Monolithic CMOS 3.3 V device, 5 V I2C-bus optional
• Digital PAL/NTSC/SECAM encoder
• System pixel frequency 13.5 MHz
• 54 MHz double-speed multiplexed D1 interface capable
   of splitting data into two separate channels (encoded
   and baseband)
• Three Digital-to-Analog Converters (DACs) for CVBS
   (CSYNC), VBS (CVBS) and C (CVBS) two times
   oversampled with 10-bit resolution (signals in brackets
   optional)
• Three DACs for RED (CR), GREEN (Y) and BLUE (CB)
   two times oversampled with 9-bit resolution (signals in
   brackets optional)
• Alternatively, an advanced composite sync is available
   on the CVBS output for RGB display centring
• Real-time control of subcarrier
• Cross-colour reduction filter
• Closed captioning encoding and World Standard
   Teletext (WST) and North-American Broadcast Text
   System (NABTS) teletext encoding including sequencer
   and filter
• Copy Generation Management System (CGMS)
   encoding (CGMS described by standard CPR-1204 of
   EIAJ); 20 bits in lines 20/283 (NTSC) can be loaded via
   I2C-bus
• Fast I2C-bus control port (400 kHz)
• Line 23 Wide Screen Signalling (WSS) encoding
• Video Programming System (VPS) data encoding in
   line 16 (50/625 lines counting)
• Encoder can be master or slave (Continue ...)




Similar Part No. - SAA7128H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
Digital video encoder
2003 Dec 09
SAA7128AH PHILIPS-SAA7128AH Datasheet
262Kb / 55P
Digital video encoder
2003 Dec 09
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
Digital video encoder
2003 Dec 09
More results


Similar Description - SAA7128H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
Digital video encoder
2003 Dec 09
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
Digital video encoder
2004 Mar 04
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
Digital video encoder
2004 Mar 04
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
Digital video encoder
logo
NXP Semiconductors
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
Digital video encoder
Rev. 02-23 December 2005
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
Digital video encoder
Rev. 04-18 January 2006
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
Digital video encoder
2004 Mar 16
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com