Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7129AH Datasheet (PDF) - NXP Semiconductors

SAF7129AH Datasheet PDF - NXP Semiconductors
Part # SAF7129AH
Download  SAF7129AH Download
File Size   198.51 Kbytes
Page   56 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital video encoder

SAF7129AH Datasheet (PDF)

Go To PDF Page Download Datasheet
SAF7129AH Datasheet PDF - NXP Semiconductors

Part # SAF7129AH
Download  SAF7129AH Click to download

File Size   198.51 Kbytes
Page   56 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital video encoder

SAF7129AH Datasheet (HTML) - NXP Semiconductors


SAF7129AH Product details

GENERAL DESCRIPTION

The SAF7129AH encodes digital CB-Y-CR video data to an NTSC, PAL or SECAM CVBS or S-video signal. Simultaneously, RGB or bypassed but interpolated CB-Y-CR signals are available via three additional DACs.

Through a 54 MHz multiplexed digital D1 input port, the circuit accepts two ITU-R BT.656 compatible CB-Y-CR data streams with 720 active pixels per line in 4 : 2 : 2 multiplexed formats. For example, an MPEG decoded data with overlay and MPEG decoded data without overlay, where one data stream is latched at the rising, the other one is latched at the falling clock edge.

It includes a sync/clock generator and on-chip DACs.



FEATURES

• Monolithic CMOS 3.3 V device, 5 V I2C-bus optional

• Digital PAL/NTSC/SECAM encoder

• System pixel frequency 13.5 MHz

• 54 MHz double-speed multiplexed D1 interface capable of splitting data into two separate channels (encoded and baseband)

• Three Digital-to-Analog Converters (DACs) for CVBS (CSYNC), VBS (CVBS) and C (CVBS) two times oversampled with 10-bit resolution (signals in brackets optional)

• Three DACs for RED (CR), GREEN (Y) and BLUE (CB) two times oversampled with 9-bit resolution (signals in brackets optional)

• Alternatively, an advanced composite sync is available on the CVBS output for RGB display centreing

• Real-time control of subcarrier

• Cross-colour reduction filter

• Closed captioning encoding and World Standard Teletext (WST) and North-American Broadcast Text System (NABTS) teletext encoding including sequencer and filter

• Copy Generation Management System (CGMS) encoding (CGMS described by standard CPR-1204 of EIAJ); 20 bits in lines 20/283 (NTSC) can be loaded via I2C-bus

• Fast I2C-bus control port (400 kHz)

• Line 23 Wide Screen Signalling (WSS) encoding

• Video Programming System (VPS) data encoding in line 16 (50/625 lines counting)

• Encoder can be master or slave

• Programmable horizontal and vertical input synchronization phase

• Programmable horizontal sync output phase

• Internal Colour Bar Generator (CBG)

• Controlled rise/fall times of output syncs and blanking

• On-chip crystal oscillator (3rd-harmonic or fundamental crystal)

• Down mode (low output voltage) or power-save mode of DACs

• QFP44 package.



 




Similar Part No. - SAF7129AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results


Similar Description - SAF7129AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
Digital video encoder
2000 Mar 08
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
Digital video encoder
2003 Dec 09
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
Digital video encoder
2004 Mar 04
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
Digital video encoder
2004 Mar 04
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
Digital video encoder
logo
NXP Semiconductors
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
Digital video encoder
Rev. 02-23 December 2005
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
Digital video encoder
Rev. 04-18 January 2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com