Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113H Datasheet (PDF) - NXP Semiconductors

SAF7113H Datasheet PDF - NXP Semiconductors
Part # SAF7113H
Download  SAF7113H Download
File Size   281.5 Kbytes
Page   80 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-bit video input processor

SAF7113H Datasheet (PDF)

Go To PDF Page Download Datasheet
SAF7113H Datasheet PDF - NXP Semiconductors

Part # SAF7113H
Download  SAF7113H Click to download

File Size   281.5 Kbytes
Page   80 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-bit video input processor

SAF7113H Datasheet (HTML) - NXP Semiconductors


SAF7113H Product details

GENERAL DESCRIPTION
The 9-bit video input processor is a combination of a two-channel analog preprocessing circuit including source selection, anti-aliasing filter and ADC, an automatic clamp and gain control, a Clock Generation Circuit (CGC), a digital multi-standard decoder (PAL BGHI, PAL M, PAL N, combination PAL N, NTSC M, NTSC-Japan, NTSC N and SECAM), a brightness, contrast and saturation control circuit, a multi-standard VBI data slicer and a 27 MHz VBI data bypass; see Fig.1.

FEATURES
• Four analog inputs, internal analog source selectors,
   e.g. 4 × CVBS or 2 × Y/C or (1 × Y/C and 2 × CVBS)
• Two analog preprocessing channels in differential
   CMOS style for best S/N-performance
• Fully programmable static gain or automatic gain control
   for the selected CVBS or Y/C channel
• Switchable white peak control
• Two built-in analog anti-aliasing filters
• Two 9-bit video CMOS Analog-to-Digital Converters
   (ADCs), digitized CVBS or Y/C-signals are available on
   the VPO-port via I2C-bus control
• On-chip clock generator
• Line-locked system clock frequencies
• Digital PLL for horizontal sync processing and clock
   generation, horizontal and vertical sync detection
• Requires only one crystal (24.576 MHz) for all standards
• Automatic detection of 50 and 60 Hz field frequency,
   and automatic switching between PAL and NTSC
   standards
• Luminance and chrominance signal processing for
   PAL BGHI, PAL N, combination PAL N, PAL M,
   NTSC M, NTSC N, NTSC 4.43, NTSC-Japan and
   SECAM
• User programmable luminance peaking or aperture
   correction
• Cross-colour reduction for NTSC by chrominance comb
   filtering
• PAL delay line for correcting PAL phase errors
• Brightness Contrast Saturation (BCS) and hue control
   on-chip
• Real-time status information output (RTCO)
• Two multi functional real-time output pins controlled by
   I2C-bus
• Multi-standard VBI-data slicer decoding World Standard
   Teletext (WST), North-American Broadcast Text
   System (NABTS), closed caption, Wide Screen
   Signalling (WSS), Video Programming System (VPS),
   Vertical Interval Time Code (VITC) variants
   (EBU/SMPTE) etc.
• Standard ITU 656 YUV 4 : 2 : 2 format (8-bit) on VPO
   output bus
• Enhanced ITU 656 output format on VPO output bus
   containing:
   – active video
   – raw CVBS data for INTERCAST applications
      (27 MHz data rate)
   – decoded VBI data
• Boundary scan test circuit complies with the “IEEE Std.
   1149.b1 - 1994” (ID-Code = 1 7113 02B)
• I2C-bus controlled (full read-back ability by an external
   controller, bit rate up to 400 kbits/s)
• Low power (<0.5 W), low voltage (3.3 V), small package
   (QFP44)
• Power saving mode by chip enable input
• Detection of copy protected input signals according to
   the macrovision standard. Can be used to prevent
   unauthorized recording of pay-TV or video tape signals.

APPLICATIONS
• Notebook (low power consumption)
• PCMCIA card application
• AGP based graphics cards
• Image processing
• Video phone applications
• Intercast and PC teletext applications
• Security applications.




Similar Part No. - SAF7113H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
More results


Similar Description - SAF7113H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
Video Input Processor VIP
1998 May 15
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
Enhanced Video Input Processor EVIP
1998 May 15
SAA7113H PHILIPS-SAA7113H Datasheet
279Kb / 80P
9-bit video input processor
1999 Jul 01
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
Audio video input processor
Rev. 03-23 August 2004
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
VIDEO PROCESSOR AND INPUT SELECTOR
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
VIDEO PROCESSOR
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
Serial Digital Video Input Processor
logo
AverLogic Technologies ...
AL37219 AVERLOGIC-AL37219 Datasheet
55Kb / 2P
9 Channel Video Surveillance processor
logo
NXP Semiconductors
SAA7144HL NXP-SAA7144HL Datasheet
323Kb / 64P
Quadruple video input processor
Rev. 01-21 April 2005
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com