Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7118 Datasheet (PDF) - NXP Semiconductors

SAF7118 Datasheet PDF - NXP Semiconductors
Part # SAF7118
Download  SAF7118 Download
File Size   950.38 Kbytes
Page   173 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Multistandard video decoder with adaptive comb filter and component video input

SAF7118 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAF7118 Datasheet PDF - NXP Semiconductors

Part # SAF7118
Download  SAF7118 Click to download

File Size   950.38 Kbytes
Page   173 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Multistandard video decoder with adaptive comb filter and component video input

SAF7118 Datasheet (HTML) - NXP Semiconductors


SAF7118 Product details

GENERAL DESCRIPTION

The SAF7118 is a video capture device for applications at the image port of VGA controllers. Philips X-VIP is a new multistandard comb filter video decoder chip with additional component processing, providing high quality, optionally scaled, video.

The SAF7118 is a combination of a four-channel analog preprocessing circuit including source selection, anti-aliasing filter and ADC with succeeding decimation filters from 27 to 13.5 MHz data rate. Each preprocessing channel comes with an automatic clamp and gain control.

The SAF7118 combines a Clock Generation Circuit (CGC), a digital multistandard decoder containing two-dimensional chrominance/luminance separation by an adaptive comb filter and a high performance scaler, including variable horizontal and vertical up and downscaling and a brightness, contrast and saturation control circuit.



FEATURES

Video acquisition/clock

• Up to sixteen analog CVBS, split as desired (all of the CVBS inputs optionally can be used to convert e.g. Vestigial Side Band (VSB) signals)

• Up to eight analog Y + C inputs, split as desired

• Up to four analog component inputs, with embedded or separate sync, split as desired

• Four on-chip anti-aliasing filters in front of the Analog-to-Digital Converters (ADCs)

• Automatic Clamp Control (ACC) for CVBS, Y and C (or VSB) and component signals

• Switchable white peak control

• Four 9-bit low noise CMOS ADCs running at twice the oversampling rate (27 MHz)

• Fully programmable static gain or Automatic Gain Control (AGC), matching to the particular signal properties

• On-chip line-locked clock generation in accordance with “ITU 601”

• Requires only one crystal (32.11 or 24.576 MHz) for all standards

• Horizontal and vertical sync detection.



Video decoder

• Digital PLL for synchronization and clock generation from all standards and non-standard video sources e.g. consumer grade VTR

• Automatic detection of any supported colour standard

• Luminance and chrominance signal processing for PAL B, G, D, H, I and N, combination PAL N, PAL M, NTSC M, NTSC-Japan, NTSC 4.43 and SECAM

• Adaptive 2/4-line comb filter for two dimensional chrominance/luminance separation, also with VTR signals

   – Increased luminance and chrominance bandwidth for all PAL and NTSC standards

   – Reduced cross colour and cross luminance artefacts

• PAL delay line for correcting PAL phase errors

• Brightness Contrast Saturation (BCS) adjustment, separately for composite and baseband signals

• User programmable sharpness control

• Detection of copy-protected signals according to the Macrovision(1) standard, indicating level of protection

• Independent gain and offset adjustment for raw data path.



Component video processing

• RGB component inputs

• Y-PB-PR component inputs

• Fast blanking between CVBS and synchronous component inputs

• Digital RGB to Y-CB-CR matrix.



Video scaler

• Horizontal and vertical downscaling and upscaling to randomly sized windows

• Horizontal and vertical scaling range: variable zoom to 1⁄64 (icon) (it should be noted that the H and V zoom are restricted by the transfer data rates)

• Anti-alias and accumulating filter for horizontal scaling

• Vertical scaling with linear phase interpolation and accumulating filter for anti-aliasing (6-bit phase accuracy)

• Horizontal phase correct up and downscaling for improved signal quality of scaled data, especially for compression and video phone applications, with 6-bit phase accuracy (1.2 ns step width)

• Two independent programming sets for scaler part, to define two ‘ranges’ per field or sequences over frames

• Fieldwise switching between decoder part and expansion port (X port) input

• Brightness, contrast and saturation controls for scaled outputs.



Vertical Blanking Interval (VBI) data decoder and slicer

• Versatile VBI data decoder, slicer, clock regeneration and byte synchronization e.g. for World Standard Teletext (WST), North American Broadcast Text System (NABTS), closed caption, Wide Screen Signalling (WSS), etc.



Audio clock generation

• Generation of a field-locked audio master clock to support a constant number of audio clocks per video field

• Generation of an audio serial and left/right (channel) clock signal.



Digital I/O interfaces

• Real-time signal port (R port), inclusive continuous line-locked reference clock and real-time status information supporting RTC level 3.1 (refer to document “RTC Functional Specification” for details)

• Bidirectional expansion port (X port) with half duplex functionality (D1), 8-bit Y-CB-CR:

   – Output from decoder part, real-time and unscaled

   – Input to scaler part, e.g. video from MPEG decoder (extension to 16-bit possible)

• Video image port (I port) configurable for 8-bit data (extension to 16-bit possible) in master mode (own clock), or slave mode (external clock), with auxiliary timing and handshake signals

• Discontinuous data streams supported

• 32-word × 4-byte FIFO register for video output data

• 28-word × 4-byte FIFO register for decoded VBI data output

• Scaled 4 : 2 : 2, 4 : 1 : 1, 4 : 2 : 0, 4 : 1 : 0 Y-CB-CR output

• Scaled 8-bit luminance only and raw CVBS data output

• Sliced, decoded VBI data output.



Miscellaneous

• Power-on control

• 5 V tolerant digital inputs and I/O ports

• Software controlled power saving standby modes supported

• Programming via serial I2C-bus, full read back ability by an external controller, bit rate up to 400 kbit/s

• Boundary scan test circuit complies with the “IEEE Std. 1149.b1 - 1994”.



APPLICATIONS

• PC-video capture and editing

• Personal video recorders (time shifting)

• Cable, terrestrial, and satellite set-top boxes

• Internet terminals

• Flat-panel monitors

• DVD recordable players

• AV-ready hard-disk drivers

• Digital televisions/scan conversion

• Video surveillance/security

• Video editing/post production

• Video phones

• Video projectors

• Digital VCRs.



 




Similar Part No. - SAF7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results


Similar Description - SAF7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
MULTISTANDARD VIDEO DECODER
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Jul-2003
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Dec-2004
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com