Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1292215 Datasheet (PDF) - PHOENIX CONTACT

1292215 Datasheet PDF - PHOENIX CONTACT
Part # 1292215
Download  1292215 Download
File Size   411.79 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MSL FE SH US/.../... - Power cable

1292215 Datasheet (PDF)

Go To PDF Page Download Datasheet
1292215 Datasheet PDF - PHOENIX CONTACT

Part # 1292215
Download  1292215 Click to download

File Size   411.79 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MSL FE SH US/.../... - Power cable

1292215 Datasheet (HTML) - PHOENIX CONTACT


1292215 Product details

Power cable, 5-position, PVC, black, shielded (Advanced Shielding Technology), Plug straight
M12, coding: L, on free cable end, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special L-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads




Similar Part No. - 1292215

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1292211 PHOENIX-1292211 Datasheet
522Kb / 10P
SAC-5P-M12MRL-FRL FE US/.../... - Power cable
1292219 PHOENIX-1292219 Datasheet
412Kb / 9P
SAC-5P-M12MRL FE SH US/.../... - Power cable
More results


Similar Description - 1292215

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414790 PHOENIX-1414790 Datasheet
145Kb / 10P
Power cable - SAC-5P- 3,0-280/M12FSL FE
09/11/2020
1414797 PHOENIX-1414797 Datasheet
403Kb / 7P
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
1414884 PHOENIX-1414884 Datasheet
147Kb / 9P
Power cable - SAC-5P-M12MSL/ 1,5-280 FE SH
09/12/2020
1425010 PHOENIX-1425010 Datasheet
180Kb / 10P
Power cable - SAC-5P-M12MSL/0,6-280/FSL FE
09/11/2020
1531073 PHOENIX-1531073 Datasheet
108Kb / 4P
Sensor/actuator cable - SAC-5P- 0,3-PUR/M12FS SH
12/06/2018
1476899 PHOENIX-1476899 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476892 PHOENIX-1476892 Datasheet
2Mb / 8P
SAC-5P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476893 PHOENIX-1476893 Datasheet
2Mb / 8P
SAC-5P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476897 PHOENIX-1476897 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
1476902 PHOENIX-1476902 Datasheet
1Mb / 8P
SAC-5P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com