Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7140B Datasheet (PDF) - NXP Semiconductors

SAA7140B Datasheet PDF - NXP Semiconductors
Part # SAA7140B
Download  SAA7140B Download
File Size   432.45 Kbytes
Page   68 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High Performance Scaler HPS

SAA7140B Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7140B Datasheet PDF - NXP Semiconductors

Part # SAA7140B
Download  SAA7140B Click to download

File Size   432.45 Kbytes
Page   68 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High Performance Scaler HPS

SAA7140B Datasheet (HTML) - NXP Semiconductors


SAA7140B Product details

GENERAL DESCRIPTION
The SAA7140A and SAA7140B are CMOS High Performance Scaler (HPS) and is a highly integrated circuit designed for use in DeskTop Video (DTV) applications. The devices resample digital video signals using two dimensional phase-correct interpolation in order to display it in an arbitrarily sized window.

FEATURES
• Scaling of video pictures down to randomly sized windows
• Horizontal upscaling (zoom)
• Two dimensional phase-correct data processing for improved signal quality of scaled data, especially for compression applications
• Processing of a maximum of 2047 active samples per line (V-processing in bypass) and 2047 active lines per frame
• 16-bit YUV data input port
• Bidirectional expansion port with full duplex functionality (D1) or 16-bit YUV input/output
• Discontinuous data stream supported
• Field-wise switching between two data sources
• Two independent I2C-bus programming sets
• Brightness, contrast and saturation controls for scaled outputs
• Chroma key (α generation)
• YUV-to-RGB conversion including anti-gamma correction for RGB
• 16-word FIFO register for 32-bit output data
• Output configurable for 32, 24, 16 and 8-bit video data
• Scaled 16-bit 4 : 2 : 2 YUV output
• Scaled 15-bit RGB (5, 5, 5) + α with dither and 24-bit RGB (8, 8, 8) + α output
• Scaled 8-bit monochrome output
• Four independent user configurable general purpose I/O pins
• Low power consumption in I2C-bus controlled pseudo sleep mode
• Support of 5 V (SAA7140A) and pure 3.3 V (SAA7140B) signalling environment.




Similar Part No. - SAA7140B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7144HL NXP-SAA7144HL Datasheet
323Kb / 64P
Quadruple video input processor
Rev. 01-21 April 2005
SAA7145 PHILIPS-SAA7145 Datasheet
438Kb / 50P
PCI Multimedia Bridge
November 30, 1995
SAA7146A PHILIPS-SAA7146A Datasheet
645Kb / 144P
Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
SAA7146AH PHILIPS-SAA7146AH Datasheet
645Kb / 144P
Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
More results


Similar Description - SAA7140B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7112 PHILIPS-SAA7112 Datasheet
81Kb / 8P
Decoder with High-Performance Scaler HPS for Image Port PELICAN
1996 Jun 20
SAA7146A PHILIPS-SAA7146A Datasheet
645Kb / 144P
Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
MULTISTANDARD VIDEO DECODER/SCALER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
MULTISTANDARD VIDEO DECODER/SCALER
logo
NXP Semiconductors
SAA7186 PHILIPS-SAA7186 Datasheet
223Kb / 44P
Digital video scaler
May 1993
logo
List of Unclassifed Man...
ELC-10PR ETC1-ELC-10PR Datasheet
97Kb / 2P
HIGH-DENSITY SIGNAL CONDITIONERS 10-PACK PULSE SCALER
logo
Zoran Corporation
SCALER-1 ZORAN-SCALER-1 Datasheet
134Kb / 1P
Video Scaler IP Core
logo
NXP Semiconductors
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
logo
List of Unclassifed Man...
RSS50-150 ETC2-RSS50-150 Datasheet
361Kb / 1P
HPS Rapid Restrike
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com