Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7151B Datasheet (PDF) - NXP Semiconductors

SAA7151B Datasheet PDF - NXP Semiconductors
Part # SAA7151B
Download  SAA7151B Download
File Size   311.45 Kbytes
Page   49 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital multistandard colour decoder with SCART interface DMSD2-SCART

SAA7151B Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7151B Datasheet PDF - NXP Semiconductors

Part # SAA7151B
Download  SAA7151B Click to download

File Size   311.45 Kbytes
Page   49 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital multistandard colour decoder with SCART interface DMSD2-SCART

SAA7151B Datasheet (HTML) - NXP Semiconductors


SAA7151B Product details

GENERAL DESCRIPTION
The SAA7151B is a digital multistandard colour-decoder having two 8-bit input channels, one for CVBS or Y, the other for chrominance or time-multiplexed colour-difference signals.

FEATURES
• 8-bit performance on chip for luminance and chrominance signal processing for PAL, NTSC and SECAM standards
• Separate 8-bit luminance and 8-bit chrominance input signals from Y/C, CVBS, S-Video (S-VHS or Hi8) sources
• SCART signal insertion by means of RGB/YUV convertion; fast switch handling
• Horizontal and vertical sync detection for all standards
• Real time control output RTCO
• Fast sync recovery of vertical blanking for VCR signals (bottom flutter compensation)
• Controls via the I2C-bus
• User programmable aperture correction (horizontal peaking)
• Cross-colour reduction by chrominance comb-filtering (NTSC) or by special cross-colour cancellation (SECAM)
• 8-bit quantization of output signals in 4:1:1 or 4:2:2 formats
• 720 active samples per line
• The YUV bus supports a data rate of 13.5 MHz (CCIR 601).
    – (864 × fH) for 50 Hz
    – (858 × fH) for 60 Hz
• Compatible with memory-based features (line-locked clock)
• One 24.576 MHz crystal oscillator for all standards




Similar Part No. - SAA7151B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
More results


Similar Description - SAA7151B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
TDA4650 PHILIPS-TDA4650 Datasheet
147Kb / 13P
Multistandard colour decoder, with negative colour difference output signals
March 1991
TDA4651 PHILIPS-TDA4651 Datasheet
147Kb / 15P
Multistandard colour decoder with negative colour difference output signals
August 1993
logo
STMicroelectronics
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
DOUBLE SCART INTERFACE
May-1996
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
AV SCART Switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
AV SCART switch
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
Double Scart Interface IC
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
Double Scart Interface IC
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com