Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6400 Datasheet (PDF) - STMicroelectronics

STV6400 Datasheet PDF - STMicroelectronics
Part # STV6400
Download  STV6400 Download
File Size   85.72 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DOUBLE SCART INTERFACE

STV6400 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV6400 Datasheet PDF - STMicroelectronics

Part # STV6400
Download  STV6400 Click to download

File Size   85.72 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DOUBLE SCART INTERFACE

STV6400 Datasheet (HTML) - STMicroelectronics


STV6400 Product details

DESCRIPTION
The STV6400 is a bipolar circuit for TV and VCR applications.
It is intended to process all switches relating to a 2 periplugs I/O application

■ TWO PERIPLUGS I/O SOURCES MANAGEMENT
■ TWO 150Ω INTEGRATED BUFFERS FOR PLUG DRIVE
■ ONE OUTPUT WITH MUTING CAPABILITY
■ 3 DIGITAL BUFFER OUTPUTS FOR EXTERNAL SWITCHES CONTROL
■ LARGE SUPPLY VOLTAGE RANGE
■ BANDWIDTH : 19MHz typ.
■ CROSSTALK : 50dB min.
■ I2C BUS CONTROL




Similar Part No. - STV6400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6404E-001 STMICROELECTRONICS-STV6404E-001 Datasheet
786Kb / 54P
Mono and Colour Digital Video CMOS Image Sensors
STV6408 STMICROELECTRONICS-STV6408 Datasheet
472Kb / 9P
VIDEO MATRIX
More results


Similar Description - STV6400

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
Double multiprotocol IC card interface
2000 Nov 09
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
AV SCART Switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
AV SCART switch
logo
Maxim Integrated Produc...
MAX9597 MAXIM-MAX9597 Datasheet
451Kb / 32P
Low-Power Audio/Video Interface for Single SCART Connectors
Rev 1; 10/08
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
Double Scart Interface IC
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
Double Scart Interface IC
logo
Kycon, Inc.
K-SCARTX-028A KYCON-K-SCARTX-028A Datasheet
37Kb / 1P
SCart socket, Dual part
7/6/05
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com