Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6400 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV6400
Description  DOUBLE SCART INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6400 Datasheet(HTML) 4 Page - STMicroelectronics

  STV6400 Datasheet HTML 1Page - STMicroelectronics STV6400 Datasheet HTML 2Page - STMicroelectronics STV6400 Datasheet HTML 3Page - STMicroelectronics STV6400 Datasheet HTML 4Page - STMicroelectronics STV6400 Datasheet HTML 5Page - STMicroelectronics STV6400 Datasheet HTML 6Page - STMicroelectronics STV6400 Datasheet HTML 7Page - STMicroelectronics STV6400 Datasheet HTML 8Page - STMicroelectronics STV6400 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
t
BUF
t
LOW
t
HIGH
t
f
t
r
t
HD,STA
t
HD,DAT
t
SU,DAT
t
SU,STA
t
SU,STO
SDA
SCL
SDA
Figure 1 : I
2C Bus Timing
I
2C BUS CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
SCL
VIL
Low Level Input Voltage
- 0.3
+ 1.5
V
VIH
High Level Input Voltage
3.0
VCC + 0.5
V
ILI
Input Leakage Current
VI = 0 to VCC
-10
+ 10
µA
fSCL
Clock Frequency
0
100
kHz
tR
Input Rise Time
1.5V to 3V
1000
ns
tF
Input Fall Time
1.5V to 3V
300
ns
CI
Input Capacitance
10
pF
SDA
VIL
Low Level Input Voltage
- 0.3
+ 1.5
V
VIH
High Level Input Voltage
3.0
VCC + 0.5
V
ILI
Input Leakage Current
VI = 0 to VCC
-10
+ 10
µA
CI
Input Capacitance
10
pF
tR
Input Rise Time
1.5V to 3V
1000
ns
tF
Input Fall Time
1.5V to 3V
300
ns
VOL
Low Level Output Voltage
IOL = 3mA
0.4
V
tF
Output Fall Time
3V to 1.5V
250
ns
CL
Load Capacitance
400
pF
TIMING
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
µs
tSU, DAT
Data Set-up Time
250
ns
tHD, DAT
Data Hold Time
0
340
ns
tSU, STO
Set-up Time from Clock High to Stop
4.0
µs
tBUF
Start Set-up Time following a Stop
4.7
µs
tHD, STA
Start Hold Time
4.0
µs
tSU, STA
Start Set-up Time following Clock Low-to High Transition
4.7
µs
STV6400
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com