Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6400 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV6400
Description  DOUBLE SCART INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6400 Datasheet(HTML) 3 Page - STMicroelectronics

  STV6400 Datasheet HTML 1Page - STMicroelectronics STV6400 Datasheet HTML 2Page - STMicroelectronics STV6400 Datasheet HTML 3Page - STMicroelectronics STV6400 Datasheet HTML 4Page - STMicroelectronics STV6400 Datasheet HTML 5Page - STMicroelectronics STV6400 Datasheet HTML 6Page - STMicroelectronics STV6400 Datasheet HTML 7Page - STMicroelectronics STV6400 Datasheet HTML 8Page - STMicroelectronics STV6400 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
DIP20
SO20
70
100
oC/W
oC/W
DC AND AC ELECTRICAL CHARACTERISTICS
VCC =5V, Tamb =25
oC (Unless otherwise specified)
RLOAD OUT 1= 4.7k
Ω,RLOAD OUT2 OUT3 = 150Ω,VIN =1VPP
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating Supply Voltage
4,75
5
11.0
V
ICC
Supply Current
Without loads
27
40
mA
Svr
Supply Voltage Rejection
1kHz
-36
dB
VIDEO INPUTS
VDCIN
DC Input Voltage (black level)
1,4
V
ILCAK
Leakage Current Input
1
3
µA
CAPIN
Input Capacitance
5
pF
VIN0
Input Signal Amplitude
Video 4
2.5
VPP
VIN6
Input Signal Amplitude
Video 1 2 3 5
1.5
VPP
VIDEO OUTPUTS
DYN
Dynamic Output Signal (out 1)
VCC = 5V
2,5
VPP
DYN
Dynamic Output Signal (out 1)
VCC = 4.75V
2,3
VPP
DYN
Dynamic Output Signal (out 2,3)
VCC =5V
VCC = 4.75V
3
2.8
VPP
VPP
BW0
0dB Gain Bandwidth at -3dB
VIN =1VPP
10
23
MHz
BW6
6dB Gain Bandwidth at - 3dB
VIN =1VPP
10
19
MHz
CT*
Crosstalk between Input 1, 2, 3, 5 and Output 2,3
VIN =1VPP, f = 5MHz
-62
-53
dB
CT*
Crosstalk between Input 4, and Output 2,3
VIN4 =2VPP, f = 5MHz
-60
-52
dB
CT*
Crosstalk between Input 1, 2, 3, 5 and Output 1
VIN =1VPP, f = 5MHz
-60
-55
dB
CT*
Crosstalk between Input 4 and Output 1
VIN4 =2VPP, f = 5MHz
-53
-50
dB
ZOUT
Output Impedance
4
10
G0
0dB Gain
-0.5
0
+0.5
dB
G6
6dB Gain
5.5
6
6.5
dB
DCOUT
DC Output Voltage
0.7
V
DPH10
Differential Phase 0dB Output
VIN =1VPP
0.25
DPHL6
Differential Phase 6dB Output
VIN =1VPP
0.5
DGAIN0
Differential Gain 0dB Output
VIN =1VPP
1.5
%
DGAIN6
Differential Gain 6dB Output
VIN =1VPP
1.8
%
MUTE
Muting Suppression at Output 1
VIN =1VPP, f = 5MHz
-50
-45
dB
DIGITAL BUFFERS
VOL
Low Level Output Voltage
I = 3 mA
0,4
V
ZOUT
Output Resistance at High Level
30
k
DCMAX
Max DC Voltage
VCC
V
* DIP20 package.
STV6400
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com