Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM70P30DF Datasheet (PDF) - Rectron Semiconductor

RM70P30DF Datasheet PDF - Rectron Semiconductor
Part # RM70P30DF
Download  RM70P30DF Download
File Size   316.65 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description P-Channel Enhancement Mode Power MOSFET

RM70P30DF Datasheet (PDF)

Go To PDF Page Download Datasheet
RM70P30DF Datasheet PDF - Rectron Semiconductor

Part # RM70P30DF
Download  RM70P30DF Click to download

File Size   316.65 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description P-Channel Enhancement Mode Power MOSFET

RM70P30DF Datasheet (HTML) - Rectron Semiconductor


RM70P30DF Product details

General Features
VDS = -30V,ID = -70A
RDS(ON) < 12mΩ @ VGS=-4.5V
RDS(ON) < 7.2mΩ @ VGS=-10V
High Power and current handing capability
Lead free product is acquired
Surface mount package




Similar Part No. - RM70P30DF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM70P30LD RECTRON-RM70P30LD Datasheet
324Kb / 6P
P-Channel Enhancement Mode Power MOSFET
2019-05/83 REV:O
More results


Similar Description - RM70P30DF

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com