Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM70P30DF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM70P30DF
Description  P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM70P30DF Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM70P30DF Datasheet HTML 1Page - Rectron Semiconductor RM70P30DF Datasheet HTML 2Page - Rectron Semiconductor RM70P30DF Datasheet HTML 3Page - Rectron Semiconductor RM70P30DF Datasheet HTML 4Page - Rectron Semiconductor RM70P30DF Datasheet HTML 5Page - Rectron Semiconductor RM70P30DF Datasheet HTML 6Page - Rectron Semiconductor RM70P30DF Datasheet HTML 7Page - Rectron Semiconductor RM70P30DF Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics (TA=25
unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID
VGS=-10V, ID
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
3450
-
PF
Output Capacitance
Coss
-
255
-
PF
Reverse Transfer Capacitance
Crss
VDS=-25V,VGS=0V,
F=1.0MHz
-
140
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
17
-
nS
Turn-on Rise Time
tr
-
40
-
nS
Turn-Off Delay Time
td(off)
-
55
-
nS
Turn-Off Fall Time
tf
VDD=-15V, ID=-20A,
VGS=-10V,RGEN
-
13
-
nS
Total Gate Charge
Qg
60
-
nC
Gate-Source Charge
Qgs
9
-
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-18A,VGS=-10V
15
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-1A
-
-
-1.2
V
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
3.
4. Guaranteed by design, not subject to production
-20
6
7.2
9.5
12
-
-
-
3.3
=-250uA,
-1.2
-2.5
V
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com