Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAL-D06AC/DC Datasheet (PDF) - Kepont Electronics, Inc.

KAL-D06AC/DC Datasheet PDF - Kepont Electronics, Inc.
Part # KAL-D06AC/DC
Download  KAL-D06AC/DC Download
File Size   352.99 Kbytes
Page   3 Pages
Manufacturer  KEPONT [Kepont Electronics, Inc.]
Direct Link  http://www.kepont.com
Logo KEPONT - Kepont Electronics, Inc.
Description Miniature, Low Cost, LCD,8 Digit Electronic Counter

KAL-D06AC/DC Datasheet (PDF)

Go To PDF Page Download Datasheet
KAL-D06AC/DC Datasheet PDF - Kepont Electronics, Inc.

Part # KAL-D06AC/DC
Download  KAL-D06AC/DC Click to download

File Size   352.99 Kbytes
Page   3 Pages
Manufacturer  KEPONT [Kepont Electronics, Inc.]
Direct Link  http://www.kepont.com
Logo KEPONT - Kepont Electronics, Inc.
Description Miniature, Low Cost, LCD,8 Digit Electronic Counter

KAL-D06AC/DC Datasheet (HTML) - Kepont Electronics, Inc.


KAL-D06AC/DC Product details

Features
8 Digits Standard
Meets NEMA 4X and IP65 Ratings
Long Life (10 Year) Lithium Battery
10 kHz Count Speed
Screw Terminal Block
Slow Speed Input for Contact Closures
High Speed Input for Sinking Inputs from a Max. of
18VDC Without Module
Quadrature and High Voltage (10 to 240 V AC;
10 to 110V DC) Inputs Optional
UL Recognized Component

Description:
The KAL-D06 counters are small, lithium battery powered,
totalizing counters that are panel mounted. The counters
are designed as replacements for standard electro-mechanical
counters. They use the latest custom CMOS technology and
incorporate an 8 digit, 0.354” (9mm) high, LCD display.
It operates from a long life lithium battery (life 10 years)
and can be operated from contact closure or high speed electronic
devices. No separate alkaline batteries are required. The front
reset button can be disabled if desired.




Similar Part No. - KAL-D06AC/DC

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
KAL SEI-KAL Datasheet
338Kb / 5P
Aluminum Housed Chassis Mount Resistor
2/26/2021
logo
Kyocera Kinseki Corpota...
KAL02CCG1E103AH KSS-KAL02CCG1E103AH Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
KAL02CCG1E103AM KSS-KAL02CCG1E103AM Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
KAL02CCG1E103AT KSS-KAL02CCG1E103AT Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
KAL02CCG1E103BH KSS-KAL02CCG1E103BH Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
More results


Similar Description - KAL-D06AC/DC

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM32100 EMC-EM32100 Datasheet
325Kb / 13P
8/10 DIGIT LCD DRIVER
logo
Intersil Corporation
ICM7224 INTERSIL-ICM7224 Datasheet
576Kb / 7P
41/2 Digit LCD Display Counter
May 2001
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
August 1997
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
May 2001
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
8-Digit Multi-Function Frequency Counter/Timer
logo
API Technologies Corp
FDFD7409-6 APITECH-FDFD7409-6 Datasheet
716Kb / 3P
Electronic Counter Measurers
logo
List of Unclassifed Man...
SSCUB-200 ETC2-SSCUB-200 Datasheet
630Kb / 8P
SUPER SUB-CUB - 8-DIGIT COMPONENT COUNTER WITH 6-DIGIT LCD DISPLAY
logo
SELEC Controls Pvt. Ltd
LXC900 SELEC-LXC900 Datasheet
158Kb / 1P
Miniature LCD Counter
logo
Red Lion Controls. Inc
CUB5 REDLION-CUB5 Datasheet
1Mb / 16P
MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
logo
Panasonic Semiconductor
LC4H PANASONIC-LC4H Datasheet
236Kb / 8P
DIN 48 SIZE LCD ELECTRONIC COUNTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com