Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027688 Datasheet (PDF) - PHOENIX CONTACT

1027688 Datasheet PDF - PHOENIX CONTACT
Part # 1027688
Download  1027688 Download
File Size   447.84 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-MSD-4CON-M16/0,5 PP - Device connector front mounting

1027688 Datasheet (PDF)

Go To PDF Page Download Datasheet
1027688 Datasheet PDF - PHOENIX CONTACT

Part # 1027688
Download  1027688 Click to download

File Size   447.84 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-MSD-4CON-M16/0,5 PP - Device connector front mounting

1027688 Datasheet (HTML) - PHOENIX CONTACT


1027688 Product details

Device connector front mounting, PROFINET CAT5 (IEC 11801:2002), 4-position, Pin, straight,
M12-Push-pull external locking, coding: D, on free cable end, Front mounting, M16 x 1.5,
Individual wires, cable length: 0.5 m, 0.34 mm2, TPE litz wire, Item is lead-free in accordance
with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Established M12 standard for secure transmission of signals, data, and power
• Easy and quick cabling of devices and systems in hard-to-reach areas
• Manufacturer-independent M12 push-pull locking system for maximum availability
• Reliable shield connection even under extreme mechanical strain




Similar Part No. - 1027688

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027680 PHOENIX-1027680 Datasheet
203Kb / 6P
SACC-DSI-MSD-4CON-M16-L180 PP - Device connector, rear mounting
1027683 PHOENIX-1027683 Datasheet
116Kb / 7P
Flush-type connector - SACC-E-FS-5CON-M16/0,5 PP
1027686 PHOENIX-1027686 Datasheet
116Kb / 7P
Flush-type connector - SACC-E-FSD-4CON-M16/0,5 PP
More results


Similar Description - 1027688

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424137 PHOENIX-1424137 Datasheet
515Kb / 12P
SACC-E-M12FSS-4CON-M16/0,5 PE - Device connector front mounting
1424138 PHOENIX-1424138 Datasheet
367Kb / 11P
SACC-E-M12FST-4CON-M16/0,5 - Device connector front mounting
1424139 PHOENIX-1424139 Datasheet
539Kb / 12P
SACC-E-M12MSS-4CON-M16/0,5 PE - Device connector front mounting
1424140 PHOENIX-1424140 Datasheet
361Kb / 10P
SACC-E-M12MST-4CON-M16/0,5 - Device connector front mounting
1523434 PHOENIX-1523434 Datasheet
543Kb / 15P
SACC-E-FS-4CON-M16/0,5 SCO - Device connector front mounting
1523450 PHOENIX-1523450 Datasheet
545Kb / 14P
SACC-E-MS-4CON-M16/0,5 SCO - Device connector front mounting
1535202 PHOENIX-1535202 Datasheet
538Kb / 16P
SACC-E-FSD-4CON-M16/0,5 SCO - Device connector front mounting
1027694 PHOENIX-1027694 Datasheet
557Kb / 12P
SACC-E-MS-5CON-M16/0,5 PP - Device connector front mounting
1108117 PHOENIX-1108117 Datasheet
557Kb / 12P
SACC-E-MS-4CON-M16/0,5 PP - Device connector front mounting
1551558 PHOENIX-1551558 Datasheet
524Kb / 12P
SACC-E-MSD-4CON-M16/0,5 SCO - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com