Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1420 Datasheet (PDF) - Infinite Electronics International, Inc.

1420 Datasheet PDF - Infinite Electronics International, Inc.
Part # 1420
Download  1420 Download
File Size   77.47 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description TYPE N PLUG SOLDERLESS CRIMP LMR400

1420 Datasheet (PDF)

Go To PDF Page Download Datasheet
1420 Datasheet PDF - Infinite Electronics International, Inc.

Part # 1420
Download  1420 Click to download

File Size   77.47 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description TYPE N PLUG SOLDERLESS CRIMP LMR400

1420 Datasheet (HTML) - Infinite Electronics International, Inc.


1420 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~6 GHz
VSWR: <1.50 @ 0~6 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
NO SOLDERING REQUIRED FOR CENTER CONDUCTOR.




Similar Part No. - 1420

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1420 BOURNS-1420 Datasheet
297Kb / 2P
DC Power SPD for Photovoltaic Applications
logo
Hammond Manufacturing L...
1420 HAMMOND-1420 Datasheet
148Kb / 3P
Armoire murale en acier doux de type 1
logo
List of Unclassifed Man...
1420-1 ETC2-1420-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1420-1 KEYSTONE-1420-1 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
Vishay Siliconix
1420-1-502XXXX VISHAY-1420-1-502XXXX Datasheet
85Kb / 3P
1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
08-Dec-17
More results


Similar Description - 1420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPL-259-1 ETC2-CPL-259-1 Datasheet
103Kb / 2P
UHF Straight Crimp Type Plug -Crimp Contact
logo
Pomona Electronics
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
73052 POMONA-73052 Datasheet
123Kb / 2P
N Type Plug, 50 Ohm, Crimp Type, Semi-Rigid 402
logo
List of Unclassifed Man...
867-W ETC2-867-W Datasheet
67Kb / 1P
Tip Plug (Insulated Solderless)
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
Solderless Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
SOLDERLESS STACKABLE BANANA PLUG
R113082000 ETC2-R113082000 Datasheet
28Kb / 2P
STRAIGHT PLUG CRIMP TYPE
R124172123 ETC2-R124172123 Datasheet
53Kb / 2P
RIGHT ANGLE PLUG CRIMP TYPE
R141075161W ETC2-R141075161W Datasheet
29Kb / 2P
STRAIGHT PLUG CRIMP TYPE
logo
Winchester Electronics ...
1205-103-9 WINCHESTER-1205-103-9 Datasheet
110Kb / 1P
NORTHROP GRUMMAN TYPE N STRAIGHT CABLE PLUG CRIMP ATTACHMENT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com