Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMM-1102 Datasheet (PDF) - Infinite Electronics International, Inc.

AMM-1102 Datasheet PDF - Infinite Electronics International, Inc.
Part # AMM-1102
Download  AMM-1102 Download
File Size   48.73 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON,MCX MALE STR CRIMP LMR100

AMM-1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMM-1102 Datasheet PDF - Infinite Electronics International, Inc.

Part # AMM-1102
Download  AMM-1102 Click to download

File Size   48.73 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON,MCX MALE STR CRIMP LMR100

AMM-1102 Datasheet (HTML) - Infinite Electronics International, Inc.


AMM-1102 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 6 GHz
VOLTAGE RATING: 335 VOLTS PEAK
WITHSTAND VOLTAGE: 1000V RMS.
CABLE RETENTION: 3 lbs. PULL
MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
ROHS, CE




Similar Part No. - AMM-1102

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
AMM-2F GAMEWELL-FCI-AMM-2F Datasheet
428Kb / 1P
Addressable monitor module, single circuit, Style B, Class B
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
Addressable Monitor Module
AMM-2IF GAMEWELL-FCI-AMM-2IF Datasheet
174Kb / 1P
Monitor module, two circuit, Style B, Class B
AMM-4F GAMEWELL-FCI-AMM-4F Datasheet
244Kb / 1P
Addressable monitor module single circuit, Style D, Class A or Style BC/A and B
AMM-4F GAMEWELL-FCI-AMM-4F_13 Datasheet
67Kb / 1P
Addressable Monitor Module
More results


Similar Description - AMM-1102

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
384586 ERNI-384586 Datasheet
48Kb / 1P
Male Con. C32 solder
384600 ERNI-384600 Datasheet
51Kb / 1P
Male Con. C48 solder
354867 ERNI-354867 Datasheet
49Kb / 1P
Male con. D32 solder
354871 ERNI-354871 Datasheet
53Kb / 1P
Male Con. E48 Solder
100600760003 ERNI-100600760003 Datasheet
58Kb / 1P
Male con. D32 solder
100700760003 ERNI-100700760003 Datasheet
68Kb / 1P
Male Con. E48 Solder
logo
Adam Technologies, Inc.
RF11-11-T-03-75-G ADAM-TECH-RF11-11-T-03-75-G Datasheet
112Kb / 1P
MCX MALE CRIMP RGI74
logo
List of Unclassifed Man...
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMCX007-R178 ETC2-CONMCX007-R178 Datasheet
165Kb / 1P
MCX MALE CABLE END CRIMP FOR RG178 CABLE
logo
Molex Electronics Ltd.
SD-73366-030 MOLEX-SD-73366-030 Datasheet
88Kb / 1P
MCX PLUG, STR, FOR RG316 50 OHMS, CRIMP/CRIMP EWR-2672 MCX-PC
2001/04/02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com